Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6902D Datasheet(PDF) 1 Page - STMicroelectronics

Part # EVAL6902D
Description  L6902D 1A Constant current battery charger evaluation board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6902D Datasheet(HTML) 1 Page - STMicroelectronics

  EVAL6902D Datasheet HTML 1Page - STMicroelectronics EVAL6902D Datasheet HTML 2Page - STMicroelectronics EVAL6902D Datasheet HTML 3Page - STMicroelectronics EVAL6902D Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
October 2006
Rev 1
1/4
4
EVAL6902D
L6902D 1A Constant current battery charger
evaluation board
General description
The L6902D evaluation board integrates the step-
down switching regulator with adjustable current
limit L6902D as well as the external components
required for a typical application.
The input voltage of the application board can
range from 8V up to 25V due to the rated voltage
of the input capacitor and the schottky rectifier
repetitive peak reverse voltage (both 25V).
The external resistor divider (R1 and R2) sets the
output voltage of the application board to 3.3V.
A different output voltage can be regulated from
1.235V up to 10V, which is the rated voltage of the
output capacitor.
A current limit of 1A is programmed by the 100m
Ω
sense resistor Rsense.
The inductor saturation current and the forward
current of the schottky rectifier fit the current limit
setting.
Evaluation board
www.st.com


Similar Part No. - EVAL6902D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EVAL6920D STMICROELECTRONICS-EVAL6920D Datasheet
94Kb / 4P
EVAL6920D 1A high efficiency synchronous Rectifier step up converter
22-Nov-2006
EVAL6924D STMICROELECTRONICS-EVAL6924D Datasheet
114Kb / 4P
EVAL6924D Battery charger system with integrated Power Switch for Li-ION/Li-POLYMER
21-Nov-2006
More results

Similar Description - EVAL6902D

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1510 LINER-LT1510 Datasheet
339Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512 Datasheet
261Kb / 12P
SEPIC Constant-Current/ Constant-Voltage Battery Charger
LT1513 LINER-LT1513 Datasheet
299Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Linear Integrated Syste...
LT1513-2CR LINEAR-LT1513-2CR Datasheet
197Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
logo
Semtech Corporation
SC1410A SEMTECH-SC1410A Datasheet
173Kb / 9P
Constant Voltage/Constant Current Battery Charger
logo
Linear Technology
LT1513 LINER-LT1513_15 Datasheet
220Kb / 16P
SEPIC Constant- or Programmable-Current/ Constant-Voltage Battery Charger
LT1505 LINER-LT1505_15 Datasheet
171Kb / 16P
Constant-Current/Voltage High Efficiency Battery Charger
LT1510 LINER-LT1510_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1510-5 LINER-LT1510-5_15 Datasheet
295Kb / 16P
Constant-Voltage/ Constant-Current Battery Charger
LT1512 LINER-LT1512_15 Datasheet
211Kb / 14P
SEPIC Constant-Current/ Constant-Voltage Battery Charger
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com