Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL6920D Datasheet(PDF) 2 Page - STMicroelectronics

Part # EVAL6920D
Description  EVAL6920D 1A high efficiency synchronous Rectifier step up converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVAL6920D Datasheet(HTML) 2 Page - STMicroelectronics

  EVAL6920D Datasheet HTML 1Page - STMicroelectronics EVAL6920D Datasheet HTML 2Page - STMicroelectronics EVAL6920D Datasheet HTML 3Page - STMicroelectronics EVAL6920D Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Features
EVAL6920D
2/4
1
Features
R4, R5 should be selected in the range of 100k
Ω- 10MΩ to minimize consumption and error
due to current sunk pin (few nA).
Figure 1.
Package - TSSOP8
Figure 2.
Demoboard components (top side)
Table 1.
Evaluation board part list
Jumper
Position
Function
J1
1-2
Device enabled
2-3
Device disabled
J2
None
Adjustable using R4 and R5 (not mounted)
1-2
3.3V output voltage
2-3
5V output voltage



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com