Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVL6562A-400W Datasheet(PDF) 5 Page - STMicroelectronics

Part # EVL6562A-400W
Description  L6562A 400W FOT-controlled PFC pre-regulator evaluation board
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EVL6562A-400W Datasheet(HTML) 5 Page - STMicroelectronics

  EVL6562A-400W Datasheet HTML 1Page - STMicroelectronics EVL6562A-400W Datasheet HTML 2Page - STMicroelectronics EVL6562A-400W Datasheet HTML 3Page - STMicroelectronics EVL6562A-400W Datasheet HTML 4Page - STMicroelectronics EVL6562A-400W Datasheet HTML 5Page - STMicroelectronics EVL6562A-400W Datasheet HTML 6Page - STMicroelectronics EVL6562A-400W Datasheet HTML 7Page - STMicroelectronics EVL6562A-400W Datasheet HTML 8Page - STMicroelectronics EVL6562A-400W Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
EVL6562A-400W
Bill of material
5/9
Appendix A
Bill of material
Table 2.
Bill of material
Ref.
des.
Part type
part value
Case/
package
Description
Supplier
C1
470 nF- x2
DWG
X2 film capacitor R46-I 3470--M1-
ARCOTRONICS
C10
22 nF
1206
100 V SMD cercap - general purpose
AVX
C11
470 nF/50 V
1206
50 V SMD cercap - general purpose
AVX
C12
100
µF/50 V
Dia 8x11 (mm)
Aluminium elcap - yxf series - 105°C
RUBYCON
C13
220 nF
0805
50 V SMD cercap - general purpose
AVX
C14
2.2
µF
1206
50V SMD cercap - general purpose
AVX
C15
100 pF
0805
50 V SMD cercap - general purpose
AVX
C16
120 pF
0805
50 V SMD cercap - general purpose
AVX
C2
470 nF-x2
DWG
X2 film capacitor R46-I 3470--M1-
ARCOTRONICS
C20
330 pF
0805
50 V SMD cercap - general purpose
AVX
C21
10 nF
1206
50 V SMD cercap - general purpose
AVX
C3
680 nF-x2
DWG
X2 film capacitor R46-I 3680--M1-
ARCOTRONICS
C4
470 nF-630 V
DWG
film capacitor MKP - B32653A6474J
EPCOS
C5
470 nF-630 V
DWG
film capacitor MKP - B32653A6474J
EPCOS
C6
470 nF-630 V
DWG
film capacitor MKP- B32653A6474J
EPCOS
C7
330
µF-450 V
Dia 35x35 (mm) Aluminium ELCAP - LLS series - 85°C
NICHICON
C8
Res
DWG
Not used
-
C9
Res
DWG
Not used
-
D1
1N5406
DO-201
Standard recovery rectifier
VISHAY
D2
D15XB60
DWG
Rectifier bridge
SHINDENGEN
D3
STTH8R06
TO-220FP
Ultrafast high voltage rectifier
STMICROELECTRONICS
D4
LL4148
MINIMELF
Fast switching diode
VISHAY
D5
BZX85-C18
MINIMELF
Zener diode
VISHAY
D6
LL4148
MINIMELF
Fast switching diode
VISHAY
D7
LL4148
MINIMELF
Fast switching diode
VISHAY
D8
LL4148
MINIMELF
Fast switching diode
VISHAY
F1
8 A/250 V
5 x 20 mm
8 A mains input fuse
WICKMANN
J1
3-pins conn. (central rem.) P 3.96 KK
series
MOLEX
J2
5-pins conn. (central rem.) P 3.96 KK
series
MOLEX
JP101
Jumper
Wire jumper



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com