Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS16150CG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPS16150CG
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS16150CG Datasheet(HTML) 3 Page - STMicroelectronics

  STPS16150CG Datasheet HTML 1Page - STMicroelectronics STPS16150CG Datasheet HTML 2Page - STMicroelectronics STPS16150CG Datasheet HTML 3Page - STMicroelectronics STPS16150CG Datasheet HTML 4Page - STMicroelectronics STPS16150CG Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
STPS16150CT/CG/CR
3/5
1E-3
1E-2
1E-1
1E+0
0
20
40
60
80
100
120
t(s)
IM(A)
Tc=50°C
Tc=75°C
Tc=125°C
IM
t
δ=0.5
Fig. 5: Non repetitive surge peak forward current
versus overload duration (maximum values, per
diode).
1E-3
1E-2
1E-1
1E+0
0.0
0.2
0.4
0.6
0.8
1.0
tp(s)
Zth(j-c)/Rth(j-c)
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Fig. 46 Relative variation of thermal impedance
junction to case versus pulse duration (per diode).
0
25
50
75
100
125
150
1E-1
1E+0
1E+1
1E+2
1E+3
1E+4
1E+5
VR(V)
IR(µA)
Tj=125°C
Tj=25°C
Tj=150°C
Tj=75°C
Tj=175°C
Fig. 7: Reverse leakage current versus reverse
voltage applied (typical values, per diode).
1
2
5
10
20
50
100
200
10
100
1000
VR(V)
C(pF)
F=1MHz
Tj=25°C
Fig. 8: Junction capacitance versus reverse voltage
applied (typical values, per diode).
0.0 0.2
0.4 0.6
0.8 1.0
1.2
1.4 1.6
1.8 2.0
0.1
1.0
10.0
100.0
VFM(V)
IFM(A)
Tj=125°C
Typical values
Tj=125°C
Tj=25°C
Fig. 9: Forward voltage drop versus forward
current (maximum values, per diode).
0
2
4
6
8
101214
161820
0
10
20
30
40
50
60
70
80
S(cm²)
Rth(j-a) (°C/W)
Fig. 10: Thermal resistance junction to ambient ver-
sus copper surface under tab (Epoxy printed circuit
board, copper thckness: 35µm) (STPS16150CG only).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com