Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPDC12L00010 Datasheet(PDF) 21 Page - STMicroelectronics

Part # SPDC12L00010
Description  10 A DC/DC converter module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPDC12L00010 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button SPDC12L00010 Datasheet HTML 16Page - STMicroelectronics SPDC12L00010 Datasheet HTML 17Page - STMicroelectronics SPDC12L00010 Datasheet HTML 18Page - STMicroelectronics SPDC12L00010 Datasheet HTML 19Page - STMicroelectronics SPDC12L00010 Datasheet HTML 20Page - STMicroelectronics SPDC12L00010 Datasheet HTML 21Page - STMicroelectronics SPDC12L00010 Datasheet HTML 22Page - STMicroelectronics SPDC12L00010 Datasheet HTML 23Page - STMicroelectronics SPDC12L00010 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
SPDC12L00010
Package mechanical data
21/24
6.1
Soldering
Soldering phase has to be execute with care: in order to avoid undesired melting
phenomenon, particular attention has to be take on the set up of the peak temperature.
Here following some suggestions for the temperature profile based on
IPC/JEDEC J-STD-020C, July 2004 recommendations.
Figure 9.
Soldering
Table 12.
Soldering
Profile feature
PB free assembly
Average ramp up rate (TSMAX to TP)
3 °C / sec max
Preheat
Temperature min (TS min)
Temperature max (TS max)
Time (tS min to tS max) (tS)
150 °C
200 °C
60 – 100 sec
Time maintained above:
Temperature TL
Time tL
217 °C
40 – 70 sec
Peak temperature (Tp)
240 + 0 °C
Time within 5 °C of actual peak temperature (tP)
10 – 20 sec
Ramp down rate
6 °C / sec
Time from 25 °C to peak temperature
8 minutes max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com