Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STR2160 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2STR2160
Description  Low voltage fast-switching PNP power transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STR2160 Datasheet(HTML) 4 Page - STMicroelectronics

  2STR2160 Datasheet HTML 1Page - STMicroelectronics 2STR2160 Datasheet HTML 2Page - STMicroelectronics 2STR2160 Datasheet HTML 3Page - STMicroelectronics 2STR2160 Datasheet HTML 4Page - STMicroelectronics 2STR2160 Datasheet HTML 5Page - STMicroelectronics 2STR2160 Datasheet HTML 6Page - STMicroelectronics 2STR2160 Datasheet HTML 7Page - STMicroelectronics 2STR2160 Datasheet HTML 8Page - STMicroelectronics 2STR2160 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
2STR2160
4/9
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE =0)
VCB = -60 V
-0.1
µA
IEBO
Emitter cut-off current
(IC =0)
VEB = -5 V
-0.1
µA
V(BR)CBO
Collector-base
breakdown voltage
(IE = 0)
IC = -100 µA
-60
V
V(BR)CEO
(1)
1.
Pulsed duration = 300
µs, duty cycle ≤1.5%
Collector-emitter
breakdown voltage
(IB = 0)
IC = -10 mA
-60
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = -100 µA
-5
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = -0.5 A
IB = -50 mA
IC = -1 A
IB = -100 mA
260
480
mV
mV
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = -1 A
IB = -100 mA
1.3
V
hFE
(1)
DC current gain
IC = -0.5 A
VCE = -2V
IC = -1 A
VCE = -2 V
IC = -2 A
VCE = -2 V
180
45
30
560
ton
toff
Resistive load
Turn-on time
Turn-off time
IC = -1.5 A
VCC = -10 V
IB1 = -IB2 = -150 mA
VBB(off)= 5 V
220
500
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com