Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M34D64WMN6TP Datasheet(PDF) 13 Page - STMicroelectronics

Part # M34D64WMN6TP
Description  64 Kbit serial I²C bus EEPROM with hardware write control on top quarter of memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34D64WMN6TP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M34D64WMN6TP Datasheet HTML 9Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 10Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 11Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 12Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 13Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 14Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 15Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 16Page - STMicroelectronics M34D64WMN6TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
M34D64-W
Device operation
13/27
3.5
Memory addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the Device Select Code,
shown in Table 2.: Device select code (on Serial Data (SDA), most significant bit first).
The Device Select Code consists of a 4-bit Device Type Identifier, and a 3-bit Chip Enable
“Address” (E2, E1, E0). To address the memory array, the 4-bit Device Type Identifier is
1010b.
Up to eight memory devices can be connected on a single I2C bus. Each one is given a
unique 3-bit code on the Chip Enable (E0, E1, E2) inputs. When the Device Select Code is
received on Serial Data (SDA), the device only responds if the Chip Enable Address is the
same as the value on the Chip Enable (E0, E1, E2) inputs.
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the Device Select code, the corresponding device gives an
acknowledgment on Serial Data (SDA) during the 9th bit time. If the device does not match
the Device Select code, it deselects itself from the bus, and goes into Standby mode.
Table 5.
Operating modes
Mode
RW bit
WC (1)
1.
X = VIH or VIL.
Bytes
Initial sequence
Current Address Read
1
X
1
Start, Device Select, RW = 1
Random Address Read
0X
1
Start, Device Select, RW = 0, Address
1
X
reStart, Device Select, RW = 1
Sequential Read
1
X
≥ 1
Similar to Current or Random Address
Read
Byte Write
0
V
IL
1
Start, Device Select, RW = 0
Page Write
0
V
IL
≤32
Start, Device Select, RW = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com