Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1H100 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS1H100
Description  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1H100 Datasheet(HTML) 4 Page - STMicroelectronics

  STPS1H100 Datasheet HTML 1Page - STMicroelectronics STPS1H100 Datasheet HTML 2Page - STMicroelectronics STPS1H100 Datasheet HTML 3Page - STMicroelectronics STPS1H100 Datasheet HTML 4Page - STMicroelectronics STPS1H100 Datasheet HTML 5Page - STMicroelectronics STPS1H100 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1E-2
1E-1
1E+0
1E+1
2E+1
VFM(V)
IFM(A)
Tj=25°C
Tj=125°C
Fig. 11: Forward voltage drop versus forward
current (maximum values).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
20
30
40
50
60
70
80
90
100
110
120
130
140
Rth(j-a) (°C/W)
S(Cu) (cm²)
Fig. 10: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printed circuit board FR4, copper thickness: 35
µm)
(SMA).
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
20
30
40
50
60
70
80
90
100
110
120
S(Cu) (cm²)
Rth(j-a) (°C/W)
Fig. 9: Thermal resistance junction to ambient
versus copper surface under each lead (Epoxy
printed circuit board FR4, copper thickness: 35
µm)
(SMB).
STPS1H100A/U
4/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com