Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C02FBN6TP Datasheet(PDF) 20 Page - STMicroelectronics

Part # M24C02FBN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02FBN6TP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M24C02FBN6TP Datasheet HTML 16Page - STMicroelectronics M24C02FBN6TP Datasheet HTML 17Page - STMicroelectronics M24C02FBN6TP Datasheet HTML 18Page - STMicroelectronics M24C02FBN6TP Datasheet HTML 19Page - STMicroelectronics M24C02FBN6TP Datasheet HTML 20Page - STMicroelectronics M24C02FBN6TP Datasheet HTML 21Page - STMicroelectronics M24C02FBN6TP Datasheet HTML 22Page - STMicroelectronics M24C02FBN6TP Datasheet HTML 23Page - STMicroelectronics M24C02FBN6TP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
DC and AC parameters
M24C16, M24C08, M24C04, M24C02, M24C01
20/34
Table 10.
DC characteristics (M24Cxx-W, device grade 3)
Symbol
Parameter
Test condition
(in addition to those in Table 6)
Min.
Max.
Unit
ILI
Input leakage current (SCL,
SDA, E0, E1,and E2)
VIN = VSS or VCC, device in
Standby mode
± 2
µA
ILO
Output leakage current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply current
VCC = 5 V, fC= 400 kHz
(rise/fall time < 50 ns)
3mA
VCC = 2.5 V, fC = 400 kHz
(rise/fall time < 50 ns)
3mA
ICC1
Standby supply current
VIN = VSS or VCC, VCC = 5 V
5
µA
VIN = VSS or VCC, VCC = 2.5 V
2
µA
VIL
Input low voltage (SDA,
SCL, WC)
–0.45
0.3VCC
V
VIH
Input high voltage (SDA,
SCL, WC)
0.7VCC VCC+1
V
VOL
Output low voltage
IOL = 2.1 mA when VCC = 2.5 V or
IOL = 3 mA when VCC = 5.5 V
0.4
V
Table 11.
DC characteristics (M24Cxx-R)
Symbol
Parameter
Test condition
(in addition to those in Table 7)
Min.
Max.
Unit
ILI
Input leakage current
(SCL, SDA, E0, E1,and E2)
VIN = VSS or VCC, device in
Standby mode
± 2
µA
ILO
Output leakage current
VOUT = VSS or VCC, SDA in Hi-Z
± 2
µA
ICC
Supply current
VCC = 1.8 V, fc= 400 kHz
(rise/fall time < 50 ns)
0.8
mA
ICC1
Standby supply current
VIN = VSS or VCC, VCC = 1.8 V
1
µA
VIL
Input low voltage (SDA,
SCL, WC)
2.5 V
≤V
CC
–0.45
0.3 VCC
V
1.8 V
≤V
CC < 2.5V
–0.45
0.25VCC
V
VIH
Input high voltage (SDA,
SCL, WC)
0.7VCC
VCC+1
V
VOL
Output low voltage
IOL = 0.7 mA, VCC = 1.8 V
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com