Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A5972D Datasheet(PDF) 9 Page - STMicroelectronics

Part # A5972D
Description  Up to 1.5 A step down switching regulator for automotive applications
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A5972D Datasheet(HTML) 9 Page - STMicroelectronics

Back Button A5972D Datasheet HTML 3Page - STMicroelectronics A5972D Datasheet HTML 4Page - STMicroelectronics A5972D Datasheet HTML 5Page - STMicroelectronics A5972D Datasheet HTML 6Page - STMicroelectronics A5972D Datasheet HTML 7Page - STMicroelectronics A5972D Datasheet HTML 8Page - STMicroelectronics A5972D Datasheet HTML 9Page - STMicroelectronics A5972D Datasheet HTML 10Page - STMicroelectronics A5972D Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
A5972D
9/11
Figure 11.
SO-8 mechanical data
Table 5.
SO-8 mechanical data
Dim
mm
inch
Min
Typ
Max
Min
Typ
Max
A
1.35
1.75
0.053
0.069
A1
0.10
0.25
0.004
0.010
A2
1.10
1.65
0.043
0.065
B
0.33
0.51
0.013
0.020
C
0.19
0.25
0.007
0.010
D (1)
1.
Dimension D does not include mold flash, protrusions or gate burrs. Mold flash, protrusions or gate burrs
shall not exceed 0.15mm (0.006 inch) in total (both side).
4.80
5.00
0.189
0.197
E
3.80
4.00
0.15
0.157
e1.27
0.050
H
5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k0
° (min), 8° (max)
ddd
0.10
0.004



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com