Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C02WMN6TP Datasheet(PDF) 33 Page - STMicroelectronics

Part # M24C02WMN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02WMN6TP Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M24C02WMN6TP Datasheet HTML 26Page - STMicroelectronics M24C02WMN6TP Datasheet HTML 27Page - STMicroelectronics M24C02WMN6TP Datasheet HTML 28Page - STMicroelectronics M24C02WMN6TP Datasheet HTML 29Page - STMicroelectronics M24C02WMN6TP Datasheet HTML 30Page - STMicroelectronics M24C02WMN6TP Datasheet HTML 31Page - STMicroelectronics M24C02WMN6TP Datasheet HTML 32Page - STMicroelectronics M24C02WMN6TP Datasheet HTML 33Page - STMicroelectronics M24C02WMN6TP Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
M24C16, M24C08, M24C04, M24C02, M24C01
Revision history
33/34
7-Oct-2005
6.0
Product List summary table added. AEC-Q100-002 compliance. Device
Grade information clarified. Updated Device internal reset section,
Figure 3, Figure 4, Table 16 and Table 22 Added ECOPACK® information.
Updated tW=5ms for the M24Cxx-W.
17-Jan-2006
7.0
Pin numbers removed from silhouettes (see on page 1). Internal Device
Reset paragraph moved to below Section 2.4: Supply voltage (VCC).
Section 2.4: Supply voltage (VCC) added below Section 2: Signal
description. Test conditions for VOL updated in Table 9 and Table 10 SO8N
package specifications updated (see Table 18)
New definition of ICC1 over the whole VCC range (see Tables 9, 10 and 11).
19-Sep-2006
8
Document converted to new ST template.
SO8 and UFDFPN8 package specifications updated (see Section 7:
Package mechanical). Section 2.4: Supply voltage (VCC) clarified.
ILI value given with the device in Standby mode in Tables 9, 10 and 11.
Information given in Table 16: AC characteristics (M24Cxx-R and M24Cxx-
F) are no longer preliminary data.
03-Aug-2007
9
1.7 V to 5.5 V VCC voltage range added (M24C16-F, M24C08-F, M24C04-F
part numbers added; Table 8 and Table 12 added).
Section 2.4: Supply voltage (VCC) modified.
Note 1 updated to latest standard revision in Table 5: Absolute maximum
ratings.
Rise/fall time conditions for ICC modified in Table 9, Table 10 and Table 11.
ICC1 conditions modified in Table 11: DC characteristics (M24Cxx-R).
Note removed below Table 14: Input parameters.
tW modified for M24Cxx-R in Table 16, note added.
TSSOP8 (DS) package specifications updated (see Table 21 and
Figure 16).
Added: Table 23, Table 24, Table 25, Table 26 and Table 27 summarizing
all available products.
Table 22: Ordering information scheme: Blank option removed under
Plating technology, /W removed under Process.
27-Sep-2007
10
Section 2.3: Chip Enable (E0, E1, E2) updated.
Concerned signals specified for VIL and VIH parameters, and note removed
in DC characteristics tables (Table 9, Table 10, Table 11 and Table 12).
tW modified in Table 16: AC characteristics (M24Cxx-R and M24Cxx-F).
M24C08-F and M24C04-F offered in UFDFPN8 package in the
temperature range 5 (see Table 24 and Table 25).
Table 28.
Document revision history (continued)
Date
Version
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com