Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A6902D Datasheet(PDF) 7 Page - STMicroelectronics

Part # A6902D
Description  Up to 1 A step down switching regulator with adjustable current limit for automotive applications
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

A6902D Datasheet(HTML) 7 Page - STMicroelectronics

Back Button A6902D Datasheet HTML 3Page - STMicroelectronics A6902D Datasheet HTML 4Page - STMicroelectronics A6902D Datasheet HTML 5Page - STMicroelectronics A6902D Datasheet HTML 6Page - STMicroelectronics A6902D Datasheet HTML 7Page - STMicroelectronics A6902D Datasheet HTML 8Page - STMicroelectronics A6902D Datasheet HTML 9Page - STMicroelectronics A6902D Datasheet HTML 10Page - STMicroelectronics A6902D Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Electrical characteristics
A6902D
7/12
Reference section
Reference voltage
IREF = 0 to 5 mA
VCC = 8 V to 36 V
3.2
3.3
3.399
V
Line regulation
IREF = 0mA
VCC = 8 V to 36 V
510
mV
Load regulation
IREF = 0 to 5 mA
8
15
mV
Short circuit current
5
18
35
mA
1.
With TJ = 85 °C, Ilim_min = 2 A, assured by design, characterization and statistical correlation.
Table 4.
Electrical characteristics (continued)
(TJ = -40 to 125 °C, VCC = 12 V, unless otherwise specified)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com