Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M24C01WMN6TP Datasheet(PDF) 6 Page - STMicroelectronics

Part # M24C01WMN6TP
Description  16 Kbit, 8 Kbit, 4 Kbit, 2 Kbit and 1 Kbit serial I²C bus EEPROM
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C01WMN6TP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M24C01WMN6TP Datasheet HTML 2Page - STMicroelectronics M24C01WMN6TP Datasheet HTML 3Page - STMicroelectronics M24C01WMN6TP Datasheet HTML 4Page - STMicroelectronics M24C01WMN6TP Datasheet HTML 5Page - STMicroelectronics M24C01WMN6TP Datasheet HTML 6Page - STMicroelectronics M24C01WMN6TP Datasheet HTML 7Page - STMicroelectronics M24C01WMN6TP Datasheet HTML 8Page - STMicroelectronics M24C01WMN6TP Datasheet HTML 9Page - STMicroelectronics M24C01WMN6TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
Description
M24C16, M24C08, M24C04, M24C02, M24C01
6/34
1
Description
These I²C-compatible electrically erasable programmable memory (EEPROM) devices are
organized as 2048/1024/512/256/128 x 8 (M24C16, M24C08, M24C04, M24C02 and
M24C01).
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 1.
Logic diagram
I²C uses a two-wire serial interface, comprising a bidirectional data line and a clock line. The
devices carry a built-in 4-bit Device Type Identifier code (1010) in accordance with the I²C
bus definition.
The device behaves as a slave in the I²C protocol, with all memory operations synchronized
by the serial clock. Read and Write operations are initiated by a Start condition, generated
by the bus master. The Start condition is followed by a device select code and Read/Write
bit (RW) (as described in Table 3), terminated by an acknowledge bit.
When writing data to the memory, the device inserts an acknowledge bit during the 9th bit
time, following the bus master’s 8-bit transmission. When data is read by the bus master, the
bus master acknowledges the receipt of the data byte in the same way. Data transfers are
terminated by a Stop condition after an Ack for Write, and after a NoAck for Read.
Table 2.
Signal names
Signal name
Function
Direction
E0, E1, E2
Chip Enable
Input
SDA
Serial Data
Input/output
SCL
Serial Clock
Input
WC
Write Control
Input
VCC
Supply voltage
VSS
Ground
AI02033
3
E0-E2
SDA
VCC
M24Cxx
WC
SCL
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com