Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3237EBDR Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST3237EBDR
Description  ± 15 kV ESD protected, 1 μA, 3 to 5.5 V, 250 kbps RS-232 transceiver with stand-by
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3237EBDR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST3237EBDR Datasheet HTML 5Page - STMicroelectronics ST3237EBDR Datasheet HTML 6Page - STMicroelectronics ST3237EBDR Datasheet HTML 7Page - STMicroelectronics ST3237EBDR Datasheet HTML 8Page - STMicroelectronics ST3237EBDR Datasheet HTML 9Page - STMicroelectronics ST3237EBDR Datasheet HTML 10Page - STMicroelectronics ST3237EBDR Datasheet HTML 11Page - STMicroelectronics ST3237EBDR Datasheet HTML 12Page - STMicroelectronics ST3237EBDR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ST3237EB
Typical performance characteristics
9/18
5
Typical performance characteristics
(unless otherwise specified TJ = 25°C)
Note:
The high ESD protected pins are the I/O RS232 line, transmitter out and receiver in. The
other pins guarantee ± 2 kV HBM ESD protection versus ground by means of diodes.
Figure 4.
Low level receiver output current
Figure 5.
High level receiver output current
Figure 6.
ESD protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com