Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST3243B Datasheet(PDF) 4 Page - STMicroelectronics

Part # ST3243B
Description  3 to 5.5 V, 400 Kbps, RS-232 transceiver with auto-power-down
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST3243B Datasheet(HTML) 4 Page - STMicroelectronics

  ST3243B Datasheet HTML 1Page - STMicroelectronics ST3243B Datasheet HTML 2Page - STMicroelectronics ST3243B Datasheet HTML 3Page - STMicroelectronics ST3243B Datasheet HTML 4Page - STMicroelectronics ST3243B Datasheet HTML 5Page - STMicroelectronics ST3243B Datasheet HTML 6Page - STMicroelectronics ST3243B Datasheet HTML 7Page - STMicroelectronics ST3243B Datasheet HTML 8Page - STMicroelectronics ST3243B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
Pin configuration
ST3243B - ST3243C
4/22
17
R3OUT
Third receiver output voltage
18
R2OUT
Second receiver output voltage
19
R1OUT
First receiver output voltage
20
R2OUTB
Non-inverting complementary receiver output, always active for wake-up
21
INVALID
Output of the valid signal detector. Indicates if a valid RS-232 level is present
on receiver inputs logic "1"
22
FORCEOFF
Drive low to shut down transmitters and on-board power supply. This over-
rides all automatic circuitry and FORCEON
23
FORCEON
Drive high to override automatic circuitry keeping transmitters on
(FORCEOFF must be high)
24
C1-
Negative terminal of voltage-charge pump capacitor
25
GND
Ground
26
VCC
Supply voltage
27
V+
5.5V Generated by the charge pump
28
C1+
Positive terminal of voltage-charge pump capacitor
Table 2.
Pin description (continued)
Pin n°
Symbol
Name and function
Table 3.
Truth table
FORCE OFF
TOUT
ROUT
R2OUTB
0
HIGH Z
HIGH Z
ACTIVE (1)
1
ACTIVE (1)
ACTIVE (1)
ACTIVE (1)
1.
If the part is in auto-power-down mode (FORCE OFF = VCC, FORCE ON = GND) it is shutdown, if no valid RS-232 levels
are present on all receiver input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com