Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS1L40M Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS1L40M
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L40M Datasheet(HTML) 2 Page - STMicroelectronics

  STPS1L40M Datasheet HTML 1Page - STMicroelectronics STPS1L40M Datasheet HTML 2Page - STMicroelectronics STPS1L40M Datasheet HTML 3Page - STMicroelectronics STPS1L40M Datasheet HTML 4Page - STMicroelectronics STPS1L40M Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STPS1L40M
2/5
Symbol
Parameter
Tests conditions
Value
Unit
Min.
Typ.
Max.
IR *
Reverse leakage current
Tj = 25°C
VR =VRRM
0.021
0.063
mA
Tj = 85°C
1.3
4.0
Tj = 25°C
VR = 20 V
0.007
0.021
Tj = 85°C
0.49
1.5
VF *
Forward voltage drop
Tj = 25°C
IF = 1A
0.40
0.46
V
Tj = 85°C
0.35
0.40
Tj = 25°C
IF = 3 A
0.52
0.60
Tj= 85°C
0.50
0.58
Pulse test :
* tp
≤ 380 µs, δ≤ 2%
To evaluate the conduction losses use the following equation :
P=0.34xIF(AV) + 0.07 IF
2
(RMS)
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j-c)*
Junction to case
20
°C/W
Rth (j-a)*
Junction to ambient
250
°C/W
* Monted with minimum recommended pad size, PC board FR4.
THERMAL RESISTANCE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com