Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSP56309 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # DSP56309
Description  24-Bit Digital Signal Processor
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSP56309 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button DSP56309 Datasheet HTML 79Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 80Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 81Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 82Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 83Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 84Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 85Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 86Page - Freescale Semiconductor, Inc DSP56309 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 108 page
background image
MAP-BGA Package Description
DSP56309 Technical Data, Rev. 7
Freescale Semiconductor
3-17
HRW
J2
PB2
N4
RAS0
N13
HTRQ/HTRQ
K2
PB3
P3
RAS1
P12
HWR/HWR
J3
PB4
N3
RAS2
P7
IRQA
C4
PB5
P2
RAS3
N7
IRQB
A5
PB6
N1
RD
M12
IRQC
C5
PB7
N2
RESET
N5
IRQD
B5
PB8
M3
RXD
F1
MODA
C4
PB9
M1
SC00
F3
MODB
A5
PC0
F3
SC01
D2
MODC
C5
PC1
D2
SC02
C1
MODD
B5
PC2
C1
SC10
F2
NC
A1
PC3
H3
SC11
A2
NC
A14
PC4
E3
SC12
B2
NC
B14
PC5
E1
SCK0
H3
NC
P1
PCAP
P5
SCK1
G1
NC
P14
PD0
F2
SCLK
G2
NMI
D1
PD1
A2
SRD0
E3
PB0
M5
PD2
B2
SRD1
B1
PB1
P4
PD3
G1
STD0
E1
PB10
M2
PD4
B1
STD1
C2
PB11
J2
PD5
C2
TA
P10
PB12
J3
PE0
F1
TCK
C3
PB13
L1
PE1
G3
TDI
B3
PB14
K2
PE2
G2
TDO
A4
PB15
J1
PINIT
D1
TIO0
L3
Table 3-4.
DSP56309 MAP-BGA Signal Identification by Name (Continued)
Signal Name
Pin
No.
Signal Name
Pin
No.
Signal Name
Pin
No.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com