Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13191 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 13191
Description  2.4 GHz ISM Band Low Power Transceiver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13191 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  13191 Datasheet HTML 1Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 2Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 3Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 4Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 5Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 6Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 7Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 8Page - Freescale Semiconductor, Inc 13191 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
MC13191 Technical Data, Rev. 1.6
2
Freescale Semiconductor
For more detailed information about MC13191 operation, refer to the MC13191 Reference Manual,
(MC13191RM).
Applications include, but are not limited to, the following:
•
Remote control and wire replacement in industrial systems such as wireless sensor networks
•
Factory automation and motor control
•
Energy Management (lighting, HVAC, etc.)
•
Asset tracking and monitoring
Potential consumer applications include:
•
Home automation and control (lighting, thermostats, etc.)
•
Human interface devices (keyboard, mice, etc.)
•
Remote control
•
Wireless toys
The transceiver includes a low noise amplifier, 1.0 mW power amplifier (PA), PLL with internal voltage
controlled oscillator (VCO), on-board power supply regulation, and full spread-spectrum encoding and
decoding. The device supports 250 kbps Offset-Quadrature Phase Shift Keying (O-QPSK) data in 2.0
MHz channels with 5.0 MHz channel spacing. The SPI port and interrupt request output are used for
receive (RX) and transmit (TX) data transfer and control.
2Features
•
802.15.4 Standard compliant transceiver supports 250 kbps O-QPSK data in 5.0 MHz channels and
full spread-spectrum encode/decode
•
Operates on one of 16 selectable channels in the 2.4 GHz band
•
Receive sensitivity of <-91 dBm (typical) at 1.0% packet error rate
•
Recommended power supply range: 2.0 to 3.4 V
•
0 dBm nominal output power, programmable from -27 dBm to 4 dBm typical
•
Buffered transmit and receive data packets for simplified use with low cost MCUs
•
Three power down modes for increased battery life:
— < 1.0 µA Off current
— 2.3 µA Typical Hibernate current
— 35 µA Typical Doze current (no CLKO)
•
Two internal timer comparators available to supplement MCU resources
•
Programmable frequency clock output (CLKO) for use by MCU
•
Onboard trim capability for 16 MHz crystal reference oscillator eliminates the need for external
variable capacitors and allows for automated production frequency calibration.
•
Seven general purpose input/output (GPIO) signals
•
Operating temperature range: -40 °C to +85 °C
•
Small form factor QFN-32 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com