Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

13201 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # 13201
Description  2.4 GHz Low Power Transceiver for the IEEE 802.15.4 Standard
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

13201 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button 13201 Datasheet HTML 17Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 18Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 19Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 20Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 21Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 22Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 23Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 24Page - Freescale Semiconductor, Inc 13201 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
MC13201 Technical Data, Rev. 1.3,
Freescale Semiconductor
21
— MC9S08GT devices have IO signals that are not pinned-out on the package. These signals must
also be initialized (even though they cannot be used) to prevent floating inputs.
8.4
Transceiver RF Configurations and External Connections
The MC13201 radio has features that allow for a flexible as well as low cost RF interface:
•
Programmable output power — 0 dBm nominal output power, programmable from -27 dBm to +4
dBm typical
•
<-91 dBm (typical) receive sensitivity — At 1% PER, 20-byte packet (well above 802.15.4
Standard of -85 dBm)
•
Optional integrated transmit/receive (T/R) switch for low cost operation — With internal PAs and
LNA, the internal T/R switch allows a minimal part count radio interface using only a single balun
to interface to a single-ended antenna
•
Maximum flexibility — There are full differential RF I/O pins for use with the internal T/R switch.
Optionally, these pins become the RF_IN signals and a separate set of full differential PA outputs
are also provided. Separate inputs and outputs allow for a variety of RF configurations including
external LNA and PA for increased range
•
CT_Bias Output — The CT_Bias signal provides a switched bias reference for use with the internal
T/R switch, and alternatively can be programmed as an antenna switch signal for use with an
external antenna switch
•
Onboard trim capability for 16 MHz crystal reference oscillator — The 802.15.4 Standard puts a
+/- 40 ppm requirement on the carrier frequency. The onboard trim capability of the modem crystal
oscillator eliminates need for external variable capacitors and allows for automated production
frequency calibration. Also tighter tolerance can produce greater receive sensitivity
8.5
RF Interface Pins
Figure 12 shows the RF interface pins and the associated analog blocks. Notice that separate PA blocks are
associated with RFIN_x and PAO_x signal pairs. The RF interface allows both single port differential
operation and dual port differential operation.
Figure 12. RF Interface Pins
RX
SW ITCH
PA1 ENABLE
CT_Bias CONTROL
PA1
PA2
FROM TX PSM
RX ENABLE
LNA
RX
SIGNAL
RFIN_P (PAO_P)
RFIN_M (PAO_M)
CT_Bias
PAO_P
PAO_M
2
1
3
5
6
PA2 ENABLE
CT_Bias Generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com