Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2802 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ULQ2802
Description  Eight Darlington array
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2802 Datasheet(HTML) 5 Page - STMicroelectronics

  ULQ2802 Datasheet HTML 1Page - STMicroelectronics ULQ2802 Datasheet HTML 2Page - STMicroelectronics ULQ2802 Datasheet HTML 3Page - STMicroelectronics ULQ2802 Datasheet HTML 4Page - STMicroelectronics ULQ2802 Datasheet HTML 5Page - STMicroelectronics ULQ2802 Datasheet HTML 6Page - STMicroelectronics ULQ2802 Datasheet HTML 7Page - STMicroelectronics ULQ2802 Datasheet HTML 8Page - STMicroelectronics ULQ2802 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
ULQ2801 - ULQ2802 - ULQ2803 - ULQ2804
Maximum ratings
5/13
3
Maximum ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VO
Output voltage
50
V
VI
Input voltage (for ULQ2802A - ULQ2803A - ULQ2804A)
30
V
IC
Continuous collector current
500
mA
IB
Continuous base current
25
mA
PTOT
Power dissipation (one Darlington pair)
1
W
Power dissipation (total package)
2.25
TA
Operating ambient temperature range
- 40 to 85
°C
TSTG
Storage temperature range
- 55 to 150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction-ambient, Max.
55
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com