Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ULQ2803 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ULQ2803
Description  Eight Darlington array
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ULQ2803 Datasheet(HTML) 1 Page - STMicroelectronics

  ULQ2803 Datasheet HTML 1Page - STMicroelectronics ULQ2803 Datasheet HTML 2Page - STMicroelectronics ULQ2803 Datasheet HTML 3Page - STMicroelectronics ULQ2803 Datasheet HTML 4Page - STMicroelectronics ULQ2803 Datasheet HTML 5Page - STMicroelectronics ULQ2803 Datasheet HTML 6Page - STMicroelectronics ULQ2803 Datasheet HTML 7Page - STMicroelectronics ULQ2803 Datasheet HTML 8Page - STMicroelectronics ULQ2803 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
June 2008
Rev 2
1/13
13
ULQ2801 - ULQ2802
ULQ2803 - ULQ2804
Eight Darlington array
Features
■ Eight Darlingtons per package
■ Extended temperature range: -40 to 105 °C
■ Output current to 500 mA
■ Output voltage to 50 V
■ Integral suppression diodes
■ Versions for all popular logic families
■ Output can be paralleled
■ Inputs pinned opposite outputs to simplify
board layout
Description
The ULQ2801A-ULQ2804A each contain eight
Darlington transistors with common emitters and
integral suppression diodes for inductive loads.
Each Darlington features a peak load current
rating of 600 mA (500 mA continuous) and can
withstand at least 50 V in the off state. Outputs
may be paralleled for higher current capability.
Five versions are available to simplify interfacing
to standard logic families: the ULQ2801A is
designed for general purpose applications with a
current limit resistor; the ULQ2802A has a 10.5
k
Ω input resistor and zener for 14-25V PMOS; the
ULQ2803A has a 2.7 k
Ω input resistor for 5 V TTL
and CMOS; the ULQ2804A has a 10.5 k
Ω input
resistor for 6-15 V CMOS.
All types are supplied in a 18-lead plastic DIP with
a copper lead from and feature the convenient
input-opposite-output pinout to simplify board
layout.
DIP-18
Table 1.
Device summary
Order codes
Package
ULQ2801A
DIP-18
ULQ2802A
DIP-18
ULQ2803A
DIP-18
ULQ2804A
DIP-18
www.st.com


Similar Part No. - ULQ2803

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULQ2803 STMICROELECTRONICS-ULQ2803 Datasheet
228Kb / 13P
Eight Darlington array
19-Mar-2007
ULQ2803A STMICROELECTRONICS-ULQ2803A Datasheet
140Kb / 8P
EIGHT DARLINGTON ARRAYS
Apr-1993
logo
Allegro MicroSystems
ULQ2803A ALLEGRO-ULQ2803A Datasheet
166Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
logo
STMicroelectronics
ULQ2803A STMICROELECTRONICS-ULQ2803A Datasheet
228Kb / 13P
Eight Darlington array
19-Mar-2007
logo
Allegro MicroSystems
ULQ2803LW ALLEGRO-ULQ2803LW Datasheet
166Kb / 10P
HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS
More results

Similar Description - ULQ2803

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ULQ2801A STMICROELECTRONICS-ULQ2801A Datasheet
140Kb / 8P
EIGHT DARLINGTON ARRAYS
Apr-1993
logo
Unisonic Technologies
ULN2803 UTC-ULN2803 Datasheet
218Kb / 7P
EIGHT DARLINGTON ARRAYS
logo
STMicroelectronics
ULQ2001 STMICROELECTRONICS-ULQ2001_08 Datasheet
604Kb / 14P
Seven Darlington array
25-Aug-2008
ULQ2801 STMICROELECTRONICS-ULQ2801 Datasheet
228Kb / 13P
Eight Darlington array
19-Mar-2007
logo
Silicon Standard Corp.
SS62803 SSC-SS62803 Datasheet
181Kb / 6P
Eight-channel Darlington Drivers
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_11 Datasheet
208Kb / 6P
EIGHT DARLINGTON ARRAYS
logo
Alpha & Omega Semicondu...
AOZ8208 AOSMD-AOZ8208 Datasheet
385Kb / 8P
Eight-line TVS Diode Array
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_15 Datasheet
312Kb / 7P
EIGHT DARLINGTON ARRAYS
logo
STMicroelectronics
ULN2801A STMICROELECTRONICS-ULN2801A Datasheet
267Kb / 14P
Eight Darlington array
19-Nov-2012
logo
Unisonic Technologies
ULN2803 UTC-ULN2803_18 Datasheet
301Kb / 6P
EIGHT DARLINGTON ARRAYS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com