Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33291L Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # 33291L
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291L Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button 33291L Datasheet HTML 9Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 10Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 11Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 12Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 13Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 14Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 15Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 16Page - Freescale Semiconductor, Inc 33291L Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
13
33291L
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
Figure 15. Multiple MCU SPI Control
FUNCTIONAL PIN DESCRIPTION
CHIP SELECT (CS)
The 33291L receives its MCU communication through the
CS
pin. Whenever this pin is in a logic low state, data can be
transferred from the MCU to the 33291L by way of the SI pin
and from the 33291L to the MCU through the SO pin.
Clocked-in data from the MCU is transferred from the 33291L
Shift register and latched into the power outputs on the rising
edge of the CS signal. On the falling edge of the CS signal,
drain status information is transferred from the power outputs
then loaded into the Shift register of the device. The CS pin
also controls the output driver of the serial output (SO) pin.
Whenever the CS pin goes to a logic low state, the SO pin
output driver is enabled allowing information to be transferred
from the 33291L to the MCU. To avoid data corruption or the
generation of spurious data, it is essential the high-to-low
transition of the CS signal occur only when SCLK is in a logic
low state.
SYSTEM CLOCK (SCLK)
The system clock (SCLK) pin clocks the internal shift
registers of the 33291L. The serial input (SI) pin accepts data
into the Input Shift register on the falling edge of the SCLK
signal while the serial output (SO) pin shifts data information
out of the SO line driver on the rising edge of the SCLK signal.
False clocking of the Shift register must be avoided to
guarantee validity of data. It is essential the SCLK pin be in a
logic low state whenever the chip select bar (CS) pin makes
any transition. For this reason, it is recommended, though not
absolutely necessary, the SCLK pin be kept in a low logic
state as long as the device is not accessed (CS in logic high
state). When CS is in a logic high state, signals at the SCLK
and SI pins are ignored and SO is tri-stated (high
impedance). See the Data Transfer Timing diagram in
Figure 17, page 16.
SERIAL INSTRUCTION (SI)
This pin is for the input of serial instruction (SI) data. SI is
read on the falling edge of SCLK. A logic high state present
on this pin when the SCLK signal rises will program a specific
output OFF. In turn, CS pin turns OFF the specific output on
the rising edge of the CS signal. Conversely, a logic low state
present on the SI pin will program the output ON, In turn, the
pin turns ON the specific output on the rising edge of the CS
signal.
To program the eight outputs of the 33291L ON or OFF, an
8-bit serial stream of data is required to be synchronously
entered into the SI pin starting with Output 7, followed by
Output 6, Output 5, and so on, to Output 0. Referring to
Figure 17, the DO bit is the most significant bit (MSB)
corresponding to Output 7. For each rise of the SCLK signal,
with CS held in a logic low state, a data-bit instruction (ON or
OFF) is synchronously loaded into the Shift register per the
data-bit SI state. The Shift register is full after eight bits of
information have been entered. To preserve data integrity,
care should be taken to not transition SI as SCLK transitions
from a low-to-high logic state.
SI
SO
SCLK
CS
8-Bit
33291
SI
SO
SCLK
CS
8-Bit
33291
SI
SO
SCLK
CS
8-Bit
33291
8 Outputs
8 Outputs
8 Outputs
VDD
VDD
B0
B1
B0
B1
MC68XX
Microcontroller
SPI
(Master)
A0
A1
A2
A0
A1
A2
MC68XX
Microcontroller
SPI
(Alternate Master)
8-Bit
Parallel
Ports
Parallel
Ports
SCLK
MISO
MOSI
SCLK
MISO
MOSI
SS
SS
8-Bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com