Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4964 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4964
Description  HIGH CURRENT SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4964 Datasheet(HTML) 4 Page - STMicroelectronics

  L4964_03 Datasheet HTML 1Page - STMicroelectronics L4964_03 Datasheet HTML 2Page - STMicroelectronics L4964_03 Datasheet HTML 3Page - STMicroelectronics L4964_03 Datasheet HTML 4Page - STMicroelectronics L4964_03 Datasheet HTML 5Page - STMicroelectronics L4964_03 Datasheet HTML 6Page - STMicroelectronics L4964_03 Datasheet HTML 7Page - STMicroelectronics L4964_03 Datasheet HTML 8Page - STMicroelectronics L4964_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Figure 2 : Soft Start Waveforms
Figure 3 : Current Limiter Waveforms
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vi
Input Voltage (pin 3)
36
V
Vi – V2
Input to Output Voltage Difference
38
V
V2
Output DC Voltage
Output Peak Voltage at t = 0.1
µsec f = 100 kHz
–1
–7
V
V
V12
Voltage at Pin 12
10
V
V5, V7, V9
Voltage at Pins 5, 7 and 9
5.5
V
V10, V6, V13
Voltage at Pins 10, 6 and 13
7
V
V14
Voltage at Pin 14 (I14
≤ 1 mA)
Vi
I9
Pin 9 Sink Current
1
mA
I11
Pin 11 Source Current
20
mA
I14
Pin 14 Sink Current (V14 < 5 V)
50
mA
Ptot
Power Dissipation at Tcase
≤ 90 °C20
W
Tj, Tstg
Junction and Storage Temperature
– 40 to 150
°C
THERMAL DATA
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance Junction-case
Max.
3
°C/W
Rth j-amb
Thermal Resistance Junction-ambient
Max.
35
°C/W
L4964
4/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com