Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4964 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L4964
Description  HIGH CURRENT SWITCHING REGULATOR
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4964 Datasheet(HTML) 1 Page - STMicroelectronics

  L4964 Datasheet HTML 1Page - STMicroelectronics L4964 Datasheet HTML 2Page - STMicroelectronics L4964 Datasheet HTML 3Page - STMicroelectronics L4964 Datasheet HTML 4Page - STMicroelectronics L4964 Datasheet HTML 5Page - STMicroelectronics L4964 Datasheet HTML 6Page - STMicroelectronics L4964 Datasheet HTML 7Page - STMicroelectronics L4964 Datasheet HTML 8Page - STMicroelectronics L4964 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
L4964
July 2003
HIGH CURRENT SWITCHING REGULATOR
®
.
4 A OUTPUT CURRENT
.
5.1 V TO 28 V OUTPUT VOLTAGE RANGE
.
0 TO 100 % DUTY CYCLE RANGE
.
PRECISE (
± 3 %) ON-CHIP REFERENCE
.
SWITCHING FREQUENCY UP TO 120 KHz
.
VERY HIGH EFFICIENCY (UP TO 90 %)
.
VERY FEW EXTERNAL COMPONENTS
.
SOFT START
.
RESET OUTPUT
.
CURRENT LIMITING
.
INPUT FOR REMOTE INHIBIT AND SYN-
CHRONUS PWM
.
THERMAL SHUTDOWN
DESCRIPTION
The L4964 is a stepdown power switching regulator
delivering 4A at a voltage variable from 5.1V to 28V.
Features of the device include overload protection,
soft start, remote inhibit, thermal protection, a reset
output for microprocessors and a PWM comparator
input for synchronization in multichip configurations.
The L4964 is mounted in a 15-lead Multiwatt
® plas-
tic power package and requires very few external
components.
Efficient operation at switching frequencies up to
120kHz allows a reduction in the size and cost of ex-
ternal filter components.
MULTIWATT15 Vertical
(Plastic Package)
ORDERING NUMBER : L4964
MULTIWATT15 Horizontal
(Plastic Package)
ORDERING NUMBER : L4964HT
Pins 1, 4, 15 must not be connected. Leave open circuit.
PIN CONNECTION (top view)
1/13


Similar Part No. - L4964

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4964 STMICROELECTRONICS-L4964 Datasheet
208Kb / 13P
HIGH CURRENT SWITCHING REGULATOR
Apr-1993
L4964HT STMICROELECTRONICS-L4964HT Datasheet
208Kb / 13P
HIGH CURRENT SWITCHING REGULATOR
Apr-1993
More results

Similar Description - L4964

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4964 STMICROELECTRONICS-L4964 Datasheet
208Kb / 13P
HIGH CURRENT SWITCHING REGULATOR
Apr-1993
logo
Fairchild Semiconductor
KSA1244 FAIRCHILD-KSA1244 Datasheet
39Kb / 4P
High Current Switching
logo
Linear Technology
LT1373 LINER-LT1373 Datasheet
181Kb / 12P
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
LT3724 LINER-LT3724 Datasheet
293Kb / 24P
High Voltage, Current Mode Switching Regulator Controller
logo
Toshiba Semiconductor
2SK2266 TOSHIBA-2SK2266_00 Datasheet
284Kb / 5P
HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS CHOPPER REGULATOR
logo
Linear Technology
LT3724 LINER-LT3724_1 Datasheet
315Kb / 26P
High Voltage, Current Mode Switching Regulator Controller Thermal Shutdown
LT3724EFE LINER-LT3724EFE Datasheet
263Kb / 26P
High Voltage, Current Mode Switching Regulator Controller
LT1373 LINER-LT1373_15 Datasheet
200Kb / 12P
250kHz Low Supply Current High Efficiency 1.5A Switching Regulator
LT3724 LINER-LT3724_15 Datasheet
319Kb / 26P
High Voltage, Current Mode Switching Regulator Controller
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
Tiny Package, High Performance, Constant Current Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com