Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO-214AA Datasheet(PDF) 1 Page - STMicroelectronics

Part # DO-214AA
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DO-214AA Datasheet(HTML) 1 Page - STMicroelectronics

  DO-214AA Datasheet HTML 1Page - STMicroelectronics DO-214AA Datasheet HTML 2Page - STMicroelectronics DO-214AA Datasheet HTML 3Page - STMicroelectronics DO-214AA Datasheet HTML 4Page - STMicroelectronics DO-214AA Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STPS1L30A/U
®
August 1999 - Ed: 4A
LOW DROP POWER SCHOTTKY RECTIFIER
IF(AV)
1 A
VRRM
30 V
Tj (max)
150 °C
VF (max)
0.3 V
MAIN PRODUCT CHARACTERISTICS
VERY LOW FORWARD VOLTAGE DROP FOR
LESS POWER DISSIPATION
OPTIMIZED CONDUCTION/REVERSE LOSSES
TRADE-OFF WHICH MEANS THE HIGHEST
YIELD IN THE APPLICATIONS
SURFACE MOUNT MINIATURE PACKAGE
FEATURES AND BENEFITS
Single Schottky rectifier suited to Switched Mode
Power Supplies and high frequency DC to DC con-
verters, freewheel diode and integrated circuit
latch up protection.
Packaged in SMA and SMB, this device is espe-
cially intended for use in parallel with MOSFETs in
synchronous rectification.
DESCRIPTION
SMB
STPS1L30U
JEDEC DO-214AA
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
30
V
IF(RMS)
RMS forward current
10
A
IF(AV)
Average forward current
TL = 135°C
δ = 0.5
1
A
IFSM
Surge non repetitive forward current
tp = 10 ms Sinusoidal
75
A
IRRM
Repetitive peak reverse current
tp = 2
µs F = 1kHz square
1
A
IRSM
Non repetitive peak reverse current
tp = 100
µs square
1
A
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Maximum operating junction temperature *
150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/
µs
ABSOLUTE RATINGS (limiting values)
SMA
STPS1L30A
JEDEC DO-214AC
* :
dPtot
dTj
<
1
Rth
(j−a)
thermal runaway condition for a diode on its own heatsink
1/5


Similar Part No. - DO-214AA

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
DO-214AA LUGUANG-DO-214AA Datasheet
239Kb / 2P
2.0 AMPS. Surface Mount Fast Recovery Rectifiers
DO-214AA LUGUANG-DO-214AA Datasheet
196Kb / 2P
2.0AMP. High Efficient Surface Mount Rectifiers
DO-214AA LUGUANG-DO-214AA Datasheet
243Kb / 2P
3.0 AMPS. High Efficient Surface Mount Rectifiers
DO-214AA LUGUANG-DO-214AA Datasheet
169Kb / 2P
Surface Mount Rectifiers
DO-214AA LUGUANG-DO-214AA Datasheet
172Kb / 2P
Surface Mount Rectifiers
More results

Similar Description - DO-214AA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com