Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L4962 Datasheet(PDF) 13 Page - STMicroelectronics

Part # L4962
Description  1.5A POWER SWITCHING REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4962 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4962_00 Datasheet HTML 8Page - STMicroelectronics L4962_00 Datasheet HTML 9Page - STMicroelectronics L4962_00 Datasheet HTML 10Page - STMicroelectronics L4962_00 Datasheet HTML 11Page - STMicroelectronics L4962_00 Datasheet HTML 12Page - STMicroelectronics L4962_00 Datasheet HTML 13Page - STMicroelectronics L4962_00 Datasheet HTML 14Page - STMicroelectronics L4962_00 Datasheet HTML 15Page - STMicroelectronics L4962_00 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
0.85
1.40
0.033
0.055
b
0.50
0.020
b1
0.38
0.50
0.015
0.020
D
20.0
0.787
E
8.80
0.346
e
2.54
0.100
e3
17.78
0.700
F
7.10
0.280
I
5.10
0.201
L
3.30
0.130
Z
1.27
0.050
Powerdip 16
OUTLINE AND
MECHANICAL DATA
13/16
L4962



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com