Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5981 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L5981
Description  1 A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5981 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L5981_08 Datasheet HTML 25Page - STMicroelectronics L5981_08 Datasheet HTML 26Page - STMicroelectronics L5981_08 Datasheet HTML 27Page - STMicroelectronics L5981_08 Datasheet HTML 28Page - STMicroelectronics L5981_08 Datasheet HTML 29Page - STMicroelectronics L5981_08 Datasheet HTML 30Page - STMicroelectronics L5981_08 Datasheet HTML 31Page - STMicroelectronics L5981_08 Datasheet HTML 32Page - STMicroelectronics L5981_08 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
Application information
L5981
29/37
5.7
Application circuit
In Figure 18 the demonstration board application circuit is shown.
Figure 18.
Demonstration board application circuit
Table 9.
Component list
Reference
Part number
Description
Manufacturer
C1
GRM31CR61E106KA12
10
μF, 25 V
Murata
C2
GRM32ER61E226KE15
22
μF, 25 V
Murata
C3
3.3 nF, 50 V
C4
10 nF, 50 V
C5
150 pF, 50 V
C6
68 nF, 25 V
R1
4.99 k
Ω, 1 %, 0.1 W 0603
R2
1.1 k
Ω, 1 %, 0.1 W 0603
R3
180
Ω, 1 %, 0.1 W 0603
R4
3.9 k
Ω, 1 %, 0.1 W 0603
R5
100 k
Ω, 1 %, 0.1 W 0603
D1
STPS2L25V
2 A, 25 V
STMicroelectronics
L1
7447779115
15
μH, 20 %, 2.2 A
Wurth elektronik
OUT
FB
SYNCH
INH
GND
COMP
VCC
L5985
C1
10uF
C4 10nF
R1 4.99K
R2 1.1K
D1
STPS2L25U
L1 15uH
C3 3.3nF
R3 180
C5 150pF
R4 3.9K
FSW
8
3
7
6
4
5
2
1
C2
22uF
C6
68nF
COMP
1
Vout=3.3V
VIN=3.3V to 18V
R5 100K
OUT
FB
SYNCH
INH
GND
COMP
VCC
L5981
C1
10uF
C4 10nF
R1 4.99K
R2 1.1K
D1
STPS2L25U
FSW
8
3
7
6
4
5
2
1
C2
22uF
C6
68nF
COMP
1
Vout=3.3V
VIN=3.3V to 18V
OUT
FB
SYNCH
INH
GND
COMP
VCC
L5985
C1
10uF
C4 10nF
R1 4.99K
R2 1.1K
D1
STPS2L25U
L1 15uH
C3 3.3nF
R3 180
C5 150pF
R4 3.9K
FSW
8
3
7
6
4
5
2
1
C2
22uF
C6
68nF
COMP
1
Vout=3.3V
VIN=3.3V to 18V
R5 100K
OUT
FB
SYNCH
INH
GND
COMP
VCC
L5981
C1
10uF
C4 10nF
R1 4.99K
R2 1.1K
D1
STPS2L25U
FSW
8
3
7
6
4
5
2
1
C2
22uF
C6
68nF
COMP
1
Vout=3.3V
VIN=3.3V to 18V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com