Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5981 Datasheet(PDF) 31 Page - STMicroelectronics

Part # L5981
Description  1 A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5981 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L5981 Datasheet HTML 27Page - STMicroelectronics L5981 Datasheet HTML 28Page - STMicroelectronics L5981 Datasheet HTML 29Page - STMicroelectronics L5981 Datasheet HTML 30Page - STMicroelectronics L5981 Datasheet HTML 31Page - STMicroelectronics L5981 Datasheet HTML 32Page - STMicroelectronics L5981 Datasheet HTML 33Page - STMicroelectronics L5981 Datasheet HTML 34Page - STMicroelectronics L5981 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
L5981
Application information
31/37
Figure 22.
Junction temperature vs output
current
Figure 23.
Junction temperature vs output
current
Figure 24.
Junction temperature vs output
current
Figure 25.
Efficiency vs output current
Figure 26.
Efficiency vs output current
Figure 27.
Efficiency vs output current
70
75
80
85
90
95
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Io [A]
VCC=12V
FSW=250KHz
Vo=5.0V
Vo=3.3V
Vo=2.5V
76
78
80
82
84
86
88
90
92
94
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Io [A]
VCC=5V
FSW=250KHz
Vo=3.3V
Vo=2.5V
Vo=1.8V
65
70
75
80
85
90
95
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Io [A]
VCC=3.3V
FSW=250KHz
Vo=2.5V
Vo=1.8V
Vo=1.2V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com