Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5983 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L5983
Description  1.5 A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5983 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L5983 Datasheet HTML 13Page - STMicroelectronics L5983 Datasheet HTML 14Page - STMicroelectronics L5983 Datasheet HTML 15Page - STMicroelectronics L5983 Datasheet HTML 16Page - STMicroelectronics L5983 Datasheet HTML 17Page - STMicroelectronics L5983 Datasheet HTML 18Page - STMicroelectronics L5983 Datasheet HTML 19Page - STMicroelectronics L5983 Datasheet HTML 20Page - STMicroelectronics L5983 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
Application information
L5983
17/37
5.4
Compensation network
The compensation network has to assure stability and good dynamic performance. The loop
of the L5983 is based on the voltage mode control. The error amplifier is a voltage
operational amplifier with high bandwidth. So selecting the compensation network the E/A
will be considered as ideal, that is, its bandwidth is much larger than the system one.
The transfer functions of PWM modulator and the output LC filter are studied (Figure 9 on
page 18). The transfer function of the PWM modulator, from the Error Amplifier output
(COMP pin) to the OUT pin, results:
Equation 10
where VS is the sawtooth amplitude. As seen in Chapter 4.1, the voltage feed forward
generates a sawtooth amplitude directly proportional to the input voltage, that is:
Equation 11
In this way the PWM modulator gain results constant and equals to:
Equation 12
The synchronization of the device with an external clock provided trough SYNCH pin can
modifies the PWM modulator gain (see Chapter 4.1 to understand how this gain changes
and how to keep it constant in spite of the external synchronization)
The transfer function on the LC filter is given by:
Equation 13
where:
Equation 14
G
PW0
V
IN
V
s
---------
=
V
S
KV
IN
⋅
=
G
PW0
V
IN
V
s
---------
1
K
----
9
==
=
G
LC s
()
1
s
2
π f
zESR
⋅
--------------------------
+
1
s
2
π Qf
⋅
LC
⋅
----------------------------
s
2
π f
LC
⋅
-------------------
⎝⎠
⎛⎞ 2
++
-------------------------------------------------------------------------
=
f
LC
1
2
π
LC
OUT
⋅
1
ESR
R
OUT
---------------
+
⋅⋅
------------------------------------------------------------------------
=
f
zESR
1
2
π ESR C
OUT
⋅⋅
--------------------------------------------
=
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com