Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L5985 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L5985
Description  2 A step-down switching regulator
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L5985 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L5985 Datasheet HTML 28Page - STMicroelectronics L5985 Datasheet HTML 29Page - STMicroelectronics L5985 Datasheet HTML 30Page - STMicroelectronics L5985 Datasheet HTML 31Page - STMicroelectronics L5985 Datasheet HTML 32Page - STMicroelectronics L5985 Datasheet HTML 33Page - STMicroelectronics L5985 Datasheet HTML 34Page - STMicroelectronics L5985 Datasheet HTML 35Page - STMicroelectronics L5985 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
L5985
Application information
32/37
Figure 28.
Load regulation
Figure 29.
Line regulation
0
0.1
0.2
0.3
0.4
0.5
0.6
00.5
11.5
2
Io [A]
VCC=3.3V
VCC=12V
VCC=5.0V
FSW=250KHz
-0.2
0
0.2
0.4
0.6
0.8
1
2
4
6
8
10
12
14
16
18
VCC [V]
Io=2A
Io=1A
Figure 30.
Load transient form 0.3 A to 1.3 A
Figure 31.
Soft-start
Figure 32.
Short circuit behavior
IL
0.5A/div
VOUT
AC coupled
100mV/div
COUT=47uF
L=6.8uH
FSW=500kHz
Timescale
100us/div
IL
0.5A/div
VOUT
AC coupled
100mV/div
COUT=47uF
L=6.8uH
FSW=500kHz
Timescale
100us/div
Load slew rate = 2.5A/us
IL
0.5A/div
VOUT
AC coupled
100mV/div
COUT=47uF
L=6.8uH
FSW=500kHz
Timescale
100us/div
IL
0.5A/div
VOUT
AC coupled
100mV/div
COUT=47uF
L=6.8uH
FSW=500kHz
Timescale
100us/div
Load slew rate = 2.5A/us
V
OUT
500mV/div
V
FB
200mV/div
I
L
500mA/div
Time base 1ms/div
V
OUT
500mV/div
V
FB
200mV/div
I
L
500mA/div
Time base 1ms/div
I
L
500mA/div
V
OUT
1V/div
OUT
10V/div
OUTPUT
SHORTED
Time base 5ms/div
I
L
500mA/div
V
OUT
1V/div
OUT
10V/div
OUTPUT
SHORTED
Time base 5ms/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com