Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566A Datasheet(PDF) 39 Page - STMicroelectronics

Part # L6566A
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566A Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L6566A_08 Datasheet HTML 35Page - STMicroelectronics L6566A_08 Datasheet HTML 36Page - STMicroelectronics L6566A_08 Datasheet HTML 37Page - STMicroelectronics L6566A_08 Datasheet HTML 38Page - STMicroelectronics L6566A_08 Datasheet HTML 39Page - STMicroelectronics L6566A_08 Datasheet HTML 40Page - STMicroelectronics L6566A_08 Datasheet HTML 41Page - STMicroelectronics L6566A_08 Datasheet HTML 42Page - STMicroelectronics L6566A_08 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
L6566A
Application information
39/51
While the brownout protection is active the start-up generator keeps on working but, being
there no PWM activity, the Vcc voltage continuously oscillates between the start-up and the
HV generator restart thresholds, as shown in the timing diagram of Figure 25 on page 38.
The brownout comparator is provided with current hysteresis in addition to voltage
hysteresis: an internal 15 µA current sink is ON as long as the voltage applied on the
AC_OK pin is such that the AC_FAIL signal is high. This approach provides an additional
degree of freedom: it is possible to set the ON threshold and the OFF threshold separately
by properly choosing the resistors of the external divider (see below). With just voltage
hysteresis, instead, fixing one threshold automatically fixes the other one depending on the
built-in hysteresis of the comparator.
With reference to Figure 25 on page 38, the following relationships can be established for
the ON (VsenON) and OFF (VsenOFF) thresholds of the sensed voltage:
Equation 13
which, solved for RH and RL, yield:
Equation 14
It is typically convenient not to use additional dividers connected to high-voltage rails
because this could make it difficult to meet no-load consumption targets envisaged by
energy-saving regulations. Figure 26 shows a simple voltage sensing technique that makes
use of the divider already used by the PFC control chip to sense the ac mains voltage with
just the addition of an extra tap.
The small-signal NPN Q and the capacitor CF make a peak detector, so that the information
of the rms mains voltage can be found across CF. Tap’s position determines the dc voltage
to be sensed by the AC_OK pin. It is convenient to use a level as high as possible to
minimize the effect of VBE changes with temperature. However, it could be necessary to limit
the maximum sensed voltage below 7 V to prevent Q’s emitter reverse breakdown; it would
not be destructive because the reverse current would be quite small (the resistors seen by
Figure 26.
AC voltage sensing with the L6566A
L
H
OFF
L
6
H
ON
R
45
.
0
R
45
.
0
Vsen
R
485
.
0
10
15
R
485
.
0
Vsen
=
−
+
⋅
=
−
−
45
.
0
Vsen
45
.
0
R
R
;
10
15
Vsen
078
.
1
Vsen
R
OFF
H
L
6
OFF
ON
H
−
=
⋅
⋅
−
=
−
L6566A
Rectified
input voltage
RH
Sensed
voltage:
Vsen < 7V
RL
CF
3
MULT
L6561
L6562/A
L6563
Vcc
5
AC_OK
16
Q
Q
For minimum
temperature drift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com