Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566ATR Datasheet(PDF) 35 Page - STMicroelectronics

Part # L6566ATR
Description  Multi-mode controller for SMPS with PFC front-end
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566ATR Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L6566ATR Datasheet HTML 31Page - STMicroelectronics L6566ATR Datasheet HTML 32Page - STMicroelectronics L6566ATR Datasheet HTML 33Page - STMicroelectronics L6566ATR Datasheet HTML 34Page - STMicroelectronics L6566ATR Datasheet HTML 35Page - STMicroelectronics L6566ATR Datasheet HTML 36Page - STMicroelectronics L6566ATR Datasheet HTML 37Page - STMicroelectronics L6566ATR Datasheet HTML 38Page - STMicroelectronics L6566ATR Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 51 page
background image
L6566A
Application information
35/51
5.11
OVP block
The OVP function of the L6566A monitors the voltage on the ZCD pin (11) in MOSFET’s
OFF-time, during which the voltage generated by the auxiliary winding tracks converter’s
output voltage. If the voltage on the pin exceeds an internal 5 V reference, a comparator is
triggered, an overvoltage condition is assumed and the device is shut down. An internal
current generator is activated that sources 1 mA out of the VFF pin (15). If the VFF voltage
is allowed to reach 2 Vbe over 5 V, the L6566A will be latched off. See Section 5.9: Latched
disable function on page 32
for more details on IC’s behavior under these conditions. If the
impedance externally connected to pin 15 is so low that the 5+2 VBE threshold cannot be
reached or if some means is provided to prevent that, the device will be able to restart after
the Vcc has dropped below 5 V. Refer to the “Application examples and Ideas” section
(Table 7 on page 45) for additional hints.
Figure 22.
OVP Function: internal block diagram
Fault
2-bit
counter
R Q1
S
Monostable
M1
STROBE
OVP
COUT
2µs
0.5 µs
Monostable
M2
-
+
5 V
ZCD
Counter
reset
FF
40k
5pF
PWM latch
Q
Q
S
R
11
to triggering
block
L6566A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com