Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DO-214AC Datasheet(PDF) 2 Page - STMicroelectronics

Part # DO-214AC
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

DO-214AC Datasheet(HTML) 2 Page - STMicroelectronics

  DO-214AC Datasheet HTML 1Page - STMicroelectronics DO-214AC Datasheet HTML 2Page - STMicroelectronics DO-214AC Datasheet HTML 3Page - STMicroelectronics DO-214AC Datasheet HTML 4Page - STMicroelectronics DO-214AC Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Symbol
Parameter
Value
Unit
Rth (j-l)
Junction to lead
SMA
30
°C/W
SMB
25
THERMAL RESISTANCES
Symbol
Parameters
Tests Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage Current
Tj = 25
°CVR = VRRM
200
µA
Tj = 100
°C6
15
mA
VF *
Forward Voltage drop
Tj = 25
°CIF = 1 A
0.395
V
Tj = 125
°C0.26
0.3
Tj = 25
°CIF = 2 A
0.445
Tj = 125°C
0.325
0.375
STATIC ELECTRICAL CHARACTERISTICS
Pulse test :
* tp = 380
µs, δ < 2%
To evaluate the maximum conduction losses use the following equation :
P = 0.225 x IF(AV) + 0.075 IF
2
(RMS)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
IF(av) (A)
PF(av)(W)
δ = 1
δ = 0.5
δ = 0.2
δ = 0.1
δ = 0.05
T
δ=tp/T
tp
Fig. 1: Average forward power dissipation versus
average forward current.
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
IF(av)(A)
Rth(j-a)=Rth(j-l)
Rth(j-a)=120°C/W
Rth(j-a)=100°C/W
T
δ=tp/T
tp
Tamb(°C)
Fig. 2: Average forward current versus ambient
temperature (
δ=0.5).
1E-3
1E-2
1E-1
1E+0
0
2
4
6
8
10
IM(A)
Ta=25°C
Ta=100°C
Ta=50°C
t(s)
IM
t
δ=0.5
Fig. 3-1: Non repetitive surge peak forward cur-
rent versus overload duration (maximum values)
(SMA).
1E-3
1E-2
1E-1
1E+0
0
2
4
6
8
10
IM(A)
Ta=25°C
Ta=100°C
Ta=50°C
t(s)
IM
t
δ=0.5
Fig. 3-2: Non repetitive surge peak forward cur-
rent versus overload duration (maximum values)
(SMB).
STPS1L30A/U
2/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com