Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6566BTR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L6566BTR
Description  Multi-mode controller for SMPS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6566BTR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L6566BTR Datasheet HTML 16Page - STMicroelectronics L6566BTR Datasheet HTML 17Page - STMicroelectronics L6566BTR Datasheet HTML 18Page - STMicroelectronics L6566BTR Datasheet HTML 19Page - STMicroelectronics L6566BTR Datasheet HTML 20Page - STMicroelectronics L6566BTR Datasheet HTML 21Page - STMicroelectronics L6566BTR Datasheet HTML 22Page - STMicroelectronics L6566BTR Datasheet HTML 23Page - STMicroelectronics L6566BTR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 51 page
background image
Application information
L6566B
20/51
Figure 7.
Timing diagram showing short-circuit behavior (SS pin clamped at 5 V)
Figure 8.
Zero current detection block, triggering block, oscillator block and
related logic
Vcc
(pin 5)
GD
(pin 4)
Vcc_OK
VccON
VccOFF
Vccrestart
Icharge
0.85 mA
Short circuit occurs here
t
t
t
t
Trep
< 0.03Trep
100 mV
50 mV
DRIVER
+
-
5.7V
ZCD
PWM
GD
R
S
Q
BLANKING
TIME
COMP
+Vin
Q
L6566B
5V
-
+
MONO
STABLE
RZ1
blanking
START
RZ2
CS
VFF
TURN-ON
LOGIC
4:1
Counter
Strobe
FAULT
S/H
Reset
line
FFWD
OSCILLATOR
915
7
4
11
Rs
OSC
RT
13
AUXILIARY
OSCILLATOR
FMOD
6
RMOD
CMOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com