Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6926Q1 Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6926Q1
Description  High efficiency monolithic synchronous step down regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6926Q1 Datasheet(HTML) 1 Page - STMicroelectronics

  L6926Q1 Datasheet HTML 1Page - STMicroelectronics L6926Q1 Datasheet HTML 2Page - STMicroelectronics L6926Q1 Datasheet HTML 3Page - STMicroelectronics L6926Q1 Datasheet HTML 4Page - STMicroelectronics L6926Q1 Datasheet HTML 5Page - STMicroelectronics L6926Q1 Datasheet HTML 6Page - STMicroelectronics L6926Q1 Datasheet HTML 7Page - STMicroelectronics L6926Q1 Datasheet HTML 8Page - STMicroelectronics L6926Q1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
September 2008
Rev 8
1/16
16
L6926
High efficiency monolithic synchronous step down regulator
Features
■ 2 V to 5.5 V battery input range
■ High efficiency: up to 95 %
■ Internal synchronous switch
■ No external schottky required
■ Extremely low quiescent current
■ 1 mA max shutdown supply current
■ 800 mA max output current
■ Adjustable output voltage from 0.6 V
■ Low drop-out operation: up to 100 % duty cycle
■ Selectable low noise/low consumption mode at
light load
■ Power good signal
■ ±1 % output voltage accuracy
■ Current-mode control
■ 600 kHz switching frequency
■ Externally synchronizable
from 500 kHz to 1.4 MHz
■ OVP
■ Short circuit protection
Applications
■ Battery-powered equipments
■ Portable instruments
■ Cellular phones
■ PDAs and hand held terminals
■ DSC
■ GPS
Description
The device is DC-DC monolithic regulator
specifically designed to provide extremely high
efficiency.
L6926 supply voltage can be as low as 2 V
allowing its use in single Li-ion cell supplied
applications. Output voltage can be selected by
an external divider down to 0.6 V.
Duty cycle can saturate to 100 % allowing low
drop-out operation.
The device is based on a 600 kHz fixed-
frequency, current mode-architecture.
Low consumption mode operation can be
selected at light load conditions, allowing
switching losses to be reduced. L6926 is
externally synchronizable with a clock which
makes it useful in noise-sensitive applications.
Other features like powergood, overvoltage
protection, shortcircuit protection and thermal
shutdown (150 °C) are also present.
MSOP8
VFQFPN8
(3x3x1.0 mm)
Figure 1.
Application test circuit
L 6.8
μH
SYNC
LX
VFB
C1
10
μF
6.3V
C2
220pF
C4
10
μF
6.3V
R2
200K
R3
500K
R1
100K
VIN=2V to 5.5V
VOUT=1.8V
VCC
RUN
COMP
GND
PGOOD
D01IN1305
7
6
1
8
3
5
24
www.st.com


Similar Part No. - L6926Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6926Q1 STMICROELECTRONICS-L6926Q1 Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6926Q1 STMICROELECTRONICS-L6926Q1 Datasheet
193Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
L6926Q1TR STMICROELECTRONICS-L6926Q1TR Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6926Q1TR STMICROELECTRONICS-L6926Q1TR Datasheet
193Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
More results

Similar Description - L6926Q1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6925D STMICROELECTRONICS-L6925D Datasheet
57Kb / 5P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2003
L6926D STMICROELECTRONICS-L6926D Datasheet
90Kb / 8P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
May-2003
logo
Linear Technology
LTC1877 LINER-LTC1877 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
LTC1878 LINER-LTC1878 Datasheet
225Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
logo
STMicroelectronics
L6928D STMICROELECTRONICS-L6928D Datasheet
197Kb / 9P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Rev. 2
L6926 STMICROELECTRONICS-L6926_06 Datasheet
203Kb / 17P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6928 STMICROELECTRONICS-L6928 Datasheet
191Kb / 16P
High efficiency monolithic synchronous step down regulator
27-Oct-2006
L6925D STMICROELECTRONICS-L6925D_04 Datasheet
57Kb / 6P
HIGH EFFICIENCY MONOLITHIC SYNCHRONOUS STEP DOWN REGULATOR
Sep-2004
L6928 STMICROELECTRONICS-L6928_11 Datasheet
194Kb / 16P
High efficiency monolithic synchronous step down regulator
11-Apr-2011
logo
Linear Technology
LTC1878 LINER-LTC1878_15 Datasheet
239Kb / 16P
High Efficiency Monolithic Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com