Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER17_0810 Datasheet(PDF) 19 Page - STMicroelectronics

Part # VIPER17_0810
Description  Off-line high voltage converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER17_0810 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button VIPER17_0810 Datasheet HTML 15Page - STMicroelectronics VIPER17_0810 Datasheet HTML 16Page - STMicroelectronics VIPER17_0810 Datasheet HTML 17Page - STMicroelectronics VIPER17_0810 Datasheet HTML 18Page - STMicroelectronics VIPER17_0810 Datasheet HTML 19Page - STMicroelectronics VIPER17_0810 Datasheet HTML 20Page - STMicroelectronics VIPER17_0810 Datasheet HTML 21Page - STMicroelectronics VIPER17_0810 Datasheet HTML 22Page - STMicroelectronics VIPER17_0810 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 33 page
background image
VIPER17
Operation descriptions
19/33
7.7
Current mode conversion with adjustable current limit set
point
The device is a current mode converter: the drain current is sensed and converted in voltage
that is applied to the non inverting pin of the PWM comparator. This voltage is compared
with the one on the feed-back pin through a voltage divider on cycle by cycle basis.
The VIPER17 has a default current limit value, IDLIM, that the designer can adjust according
the electrical specification, by the RLIM resistor connected to the CONT see Figure 16 on
page 12.
The CONT pin has a minimum current sunk needed to activate the IDLIM adjustment: without
RLIM or with high RLIM (i.e. 100 KΩ) the current limit is fixed to the default value (see IDLIM,
Table 8 on page 8).
7.8
Over voltage protection (OVP)
The device can monitor the converter output voltage. This operation is done by CONT pin
during power MOSFET OFF-time, when the voltage generated by the auxiliary winding
tracks converter's output voltage, through turn ratio
See Figure 26.
In order to perform the output voltage monitor, the CONT pin has to be connected to the aux
winding through a resistor divider made up by RLIM and ROVP (see Figure 21 and Figure 27).
If the voltage applied to the CONT pin exceeds the internal 3 V reference for four
consecutive times the controller recognizes an over voltage condition. This special feature
uses an internal counter; that is to reduce sensitivity to noise and prevent the latch from
being erroneously activated. see Figure 26 on page 20. The counter is reset every time the
OVP signal is not triggered in one oscillator cycle.
Referring to the Figure 21, the resistors divider ratio kOVP will be given by:
Equation 2
Equation 3
N
AUX
N
SEC
--------------
k
OVP
V
OVP
N
AUX
N
SEC
--------------
V
OUTOVP
V
DSEC
+
() V
DAUX
–
⋅
---------------------------------------------------------------------------------------------------
=
k
OVP
R
LIM
R
LIM
R
OVP
+
----------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com