Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33811 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33811
Description  Solenoid Monitor Integrated Circuit (IC)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33811 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33811 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33811 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Document Number: MC33811
Rev. 3, 8/2008
Freescale Semiconductor
Advance Information
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2007. All rights reserved.
Solenoid Monitor Integrated
Circuit (IC)
The 33811 is a 5 channel Solenoid Monitor IC that is used to verify
proper electrical and mechanical solenoid operation. The IC contains
five solenoid driver voltage monitoring stages and a serial peripheral
interface (SPI) for fault communication and setup. The IC has the
ability to determine the correct movement of solenoid armatures by
analyzing the variation in the voltage profile, across the solenoid
driver MOSFET, which represents the actual solenoid current profile.
These features, along with cost effective packaging, make the
33811 ideal for powertrain solenoid monitoring applications.
Features
• Typical operating voltage range, 10.5 < VPWR < 15.5 volts
• Interfaces to 3.3 and 5 volt microprocessors via SPI protocol
• Reset pin to initialize all 5 fault outputs
• Internal voltage regulator
• Internal oscillator
• Unique solenoid current profile detection circuitry
• Pb-free packaging designated by suffix code EG
Figure 1. 33811 Simplified Application Diagram
SOLENOID MONITOR
EG SUFFIX (PB_FREE)
98ASB42567B
16-PIN SOICW
33811
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MCZ33811EG/R2
-40°C to 125°C
16 SOICW
VDD
SI
SO
SCLK
CS
MOSI
MISO
SCLK
CS
VBAT
SOLM5
MCU
VSPI
RESET
33811
VBAT
VBAT
D_GND
SOLENOID DRIVER
VBAT
VBAT
VBAT
OUT1
OUT2
OUT3
OUT4
OUT5
VPWR
VDD
SOLENOIDS
SOLM4
SOLM3
SOLM1
IN1
IN2
IN3
IN4
IN5
PORTS
P00
P01
P02
P05
P04
P03
A_GND
SOLM2


Similar Part No. - 33811

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33811 FREESCALE-33811 Datasheet
604Kb / 18P
Solenoid Monitor Integrated Circuit (IC)
More results

Similar Description - 33811

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1478 NTE-NTE1478 Datasheet
19Kb / 2P
Integrated Circuit Solenoid Driver & Signal Sensing Circuit
NTE1855 NTE-NTE1855 Datasheet
23Kb / 3P
Integrated Circuit Vertical Deflection Output Circuit w/Driver Circuit for TV Monitor
NTE1888 NTE-NTE1888 Datasheet
33Kb / 4P
Integrated Circuit Horizontal and Vertical Deflection Monitor
NTE7083 NTE-NTE7083 Datasheet
27Kb / 3P
Integrated Circuit Vertical Deflection Circuit for Monitor Applications
NTE7085 NTE-NTE7085 Datasheet
21Kb / 3P
Integrated Circuit Vertical Deflection Output Circuit w/Drive Circuit for Monitor
NTE7137 NTE-NTE7137 Datasheet
33Kb / 5P
Integrated Circuit Advanced Monitor Video Controller
NTE7138 NTE-NTE7138 Datasheet
54Kb / 7P
Integrated Circuit Advanced Monitor Video Controller for OSD
NTE855 NTE-NTE855 Datasheet
25Kb / 3P
Integrated Circuit Color TV Video Monitor
logo
KODENSHI_AUK CORP.
KOM-1020 KODENSHI-KOM-1020 Datasheet
243Kb / 1P
Power Monitor IC
logo
Freescale Semiconductor...
33811 FREESCALE-33811 Datasheet
604Kb / 18P
Solenoid Monitor Integrated Circuit (IC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com