Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

33879 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # 33879
Description  Configurable Octal Serial Switch with Open Load Detect Current Disable
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33879 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button 33879 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33879 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
11
33879
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE TIMING(14)
Recommended Frequency of SPI Operation(14)
fSPI
–
4.0
–
MHz
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)
tLEAD
100
–
–
ns
Falling Edge of SCLK to Rising Edge of CS (Required Setup Time)
tLAG
50
–
–
ns
DI to Falling Edge of SCLK (Required Setup Time)
tDI(SU)
16
–
–
ns
Falling Edge of SCLK to DI (Required Hold Time)
tDI(HOLD)
20
–
–
ns
DI, CS, SCLK Signal Rise Time(15)
t R(DI)
–
5.0
–
ns
DI, CS, SCLK Signal Fall Time(15)
t F(DI)
–
5.0
–
ns
Time from Falling Edge of CS to DO Low Impedance(16)
tDO(EN)
–
–
55
ns
Time from Rising Edge of CS to DO High Impedance(17)
tDO(DIS)
–
–
55
ns
Time from Rising Edge of SCLK to DO Data Valid(18)
tVALID
–
25
55
ns
Notes
14.
This parameter is guaranteed by design. Production test equipment uses 4.16MHz, 5.5V/3.1V SPI interface.
15.
Rise and Fall time of incoming DI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
16.
Time required for output status data to be available for use at DO pin.
17.
Time required for output status data to be terminated at DO pin.
18.
Time required to obtain valid data out from DO following the rise of SCLK.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 3.1V
≤ V
DD ≤ 5.5V, 5.5V ≤ VPWR ≤ 18V, -40°C ≤ TC ≤ 125°C, unless otherwise noted.
Where applicable, typical values reflect the parameter’s approximate average value with VPWR = 13 V, TA = 25°C.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com