Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS2060CT Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPS2060CT
Description  POWER SCHOTTKY RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS2060CT Datasheet(HTML) 2 Page - STMicroelectronics

  STPS2060CT Datasheet HTML 1Page - STMicroelectronics STPS2060CT Datasheet HTML 2Page - STMicroelectronics STPS2060CT Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IR *
Reverse leakage current
VR = VRRM
Tj = 25
°C70
µA
Tj = 125
°C33
mA
VF **
Forward voltage drop
IF = 20 A
Tj = 125
°C0.8
V
IF = 10 A
Tj = 125
°C
0.58
0.67
IF = 20 A
Tj = 25
°C0.94
C
Capacitance
60 V, 1MHz
Tj = 125°C
150
pF
Pulse test : * tp = 5 ms, duty cycle < 2 %
** tp = 380
µs, duty cycle < 2 %
To evaluate the conduction losses use the following equation :
P = 0.54 x IF(AV) + 0.013 x IF
2
(RMS)
ELECTRICAL STATIC CHARACTERISTICS (per diode)
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
Per diode
1.6
°C/W
Total
0.9
Rth(c)
Coupling
0.15
°C/W
When the diodes 1 and 2 are used simultaneously :
Tj-Tc(diode 1)=P(diode1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
THERMAL RESISTANCES
STPS2060CT
2/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com