Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7331LR1 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MMA7331LR1
Description  짹4g, 짹12g Three Axis Low-g Micromachined Accelerometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7331LR1 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MMA7331LR1 Datasheet HTML 1Page - Freescale Semiconductor, Inc MMA7331LR1 Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7331LR1 Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7331LR1 Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7331LR1 Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7331LR1 Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7331LR1 Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7331LR1 Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7331LR1 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Document Number: MMA7331L
Rev 0, 04/2008
Freescale Semiconductor
Technical Data
© Freescale Semiconductor, Inc., 2008. All rights reserved.
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
±4g, ±12g Three Axis Low-g
Micromachined Accelerometer
The MMA7331L is a low power, low profile capacitive micromachined
accelerometer featuring signal conditioning, a 1-pole low pass filter,
temperature compensation, self test, and g-Select which allows for the
selection between 2 sensitivities. Zero-g offset and sensitivity are factory set
and require no external devices. The MMA7331L includes a Sleep Mode that
makes it ideal for handheld battery powered electronics.
Features
•
3mm x 5mm x 1.0mm LGA-14 Package
•
Low Current Consumption: 400
μA
•
Sleep Mode: 3
μA
•
Low Voltage Operation: 2.2 V – 3.6 V
•
Selectable Sensitivity (±4g, ±12g)
•
Fast Turn On Time (0.5 ms Enable Response Time)
•
Self Test for Freefall Detect Diagnosis
•
Signal Conditioning with Low Pass Filter
•
Robust Design, High Shocks Survivability
•
RoHS Compliant
•
Environmentally Preferred Product
•
Low Cost
Typical Applications
•
3D Gaming: Tilt and Motion Sensing, Event Recorder
•
HDD MP3 Player: Freefall Detection
•
Laptop PC: Freefall Detection, Anti-Theft
•
Cell Phone: Image Stability, Text Scroll, Motion Dialing, E-Compass
•
Pedometer: Motion Sensing
•
PDA: Text Scroll
•
Navigation and Dead Reckoning: E-Compass Tilt Compensation
•
Robotics: Motion Sensing
ORDERING INFORMATION
Part Number
Temperature
Range
Package
Drawing
Package
Shipping
MMA7331LT
-40 to +85°C
1977-01
LGA-14
Tray
MMA7331LR1
-40 to +85°C
1977-01
LGA-14
7” Tape & Reel
MMA7331LR2
-40 to +85°C
1977-01
LGA-14
13” Tape & Reel
MMA7331L
MMA7331L: XYZ AXIS
ACCELEROMETER
±4g, ±12g
14 LEAD
LGA
CASE 1977-01
Bottom View
Figure 1. Pin Connections
Top View
N/C
XOUT
ZOUT
YOUT
VSS
VDD
Sleep
N/C
N/C
g-Select
Self Test
N/C
N/C
N/C


Similar Part No. - MMA7331LR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7331LC FREESCALE-MMA7331LC Datasheet
179Kb / 11P
짹4g, 짹9g Three Axis Low-g Micromachined Accelerometer
MMA7331LCR1 FREESCALE-MMA7331LCR1 Datasheet
179Kb / 11P
짹4g, 짹9g Three Axis Low-g Micromachined Accelerometer
MMA7331LCR1 FREESCALE-MMA7331LCR1 Datasheet
144Kb / 11P
짹4g, 짹9g Three Axis Low-g Micromachined Accelerometer
MMA7331LCR2 FREESCALE-MMA7331LCR2 Datasheet
179Kb / 11P
짹4g, 짹9g Three Axis Low-g Micromachined Accelerometer
MMA7331LCR2 FREESCALE-MMA7331LCR2 Datasheet
144Kb / 11P
짹4g, 짹9g Three Axis Low-g Micromachined Accelerometer
More results

Similar Description - MMA7331LR1

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MMA7330L FREESCALE-MMA7330L Datasheet
234Kb / 10P
짹4g - 16g Three Axis Low-g Micromachined Accelerometer
MMA7260QT FREESCALE-MMA7260QT_08 Datasheet
193Kb / 12P
짹1.5g - 6g Three Axis Low-g Micromachined Accelerometer
MMA7330L_0708 FREESCALE-MMA7330L_0708 Datasheet
149Kb / 10P
짹4g - 16g Three Axis Low-g Micromachined Accelerometer
MMA7368L FREESCALE-MMA7368L Datasheet
158Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
MMA7331LC FREESCALE-MMA7331LC Datasheet
179Kb / 11P
짹4g, 짹9g Three Axis Low-g Micromachined Accelerometer
MMA6331L FREESCALE-MMA6331L Datasheet
140Kb / 11P
짹4g, 짹9g Two Axis Low-g Micromachined Accelerometer
MMA7331LC_V3 FREESCALE-MMA7331LC_V3 Datasheet
144Kb / 11P
짹4g, 짹9g Three Axis Low-g Micromachined Accelerometer
MMA7368LT FREESCALE-MMA7368LT Datasheet
164Kb / 11P
,-1.5g Three Axis Low-g Micromachined Accelerometer
logo
NXP Semiconductors
MMA7361L NXP-MMA7361L Datasheet
215Kb / 11P
짹1.5g, 짹6g Three Axis Low-g Micromachined Accelerometer
Rev 0, 04/2008
MMA7368L NXP-MMA7368L Datasheet
204Kb / 11P
짹1.5g Three Axis Low-g Micromachined Accelerometer
Rev 0, 05/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com