Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA7340LT Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MMA7340LT
Description  짹3g, 짹11g Three Axis Low-g Micromachined Accelerometer
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MMA7340LT Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MMA7340LT Datasheet HTML 2Page - Freescale Semiconductor, Inc MMA7340LT Datasheet HTML 3Page - Freescale Semiconductor, Inc MMA7340LT Datasheet HTML 4Page - Freescale Semiconductor, Inc MMA7340LT Datasheet HTML 5Page - Freescale Semiconductor, Inc MMA7340LT Datasheet HTML 6Page - Freescale Semiconductor, Inc MMA7340LT Datasheet HTML 7Page - Freescale Semiconductor, Inc MMA7340LT Datasheet HTML 8Page - Freescale Semiconductor, Inc MMA7340LT Datasheet HTML 9Page - Freescale Semiconductor, Inc MMA7340LT Datasheet HTML 10Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Sensors
Freescale Semiconductor
7
MMA7340L
MINIMUM RECOMMENDED FOOTPRINT FOR SURFACE MOUNTED APPLICATIONS
PCB Mounting Recommendations
MEMS based sensors are sensitive to Printed Circuit
Board (PCB) reflow processes. For optimal zero-g offset after
PCB mounting, care must be taken to PCB layout and reflow
conditions. Reference application note AN3484 for best
practices to minimize the zero-g offset shift after PCB
mounting.
Surface mount board layout is a critical portion of the total
design. The footprint for the surface mount packages must be
the correct size to ensure proper solder connection interface
between the board and the package.
With the correct footprint, the packages will self-align when
subjected to a solder reflow process. It is always
recommended to design boards with a solder mask layer to
avoid bridging and shorting between solder pads.
Figure 7. LGA 14-Lead, 5 x 3 mm Die Sensor
6x2
12x1
14x0.9
14x0.6
10x0.8
1
13
6
8



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com