Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BC107. Datasheet(PDF) 3 Page - STMicroelectronics

Part # BC107.
Description  Low noise general purpose audio amplifiers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BC107. Datasheet(HTML) 3 Page - STMicroelectronics

  BC107. Datasheet HTML 1Page - STMicroelectronics BC107. Datasheet HTML 2Page - STMicroelectronics BC107. Datasheet HTML 3Page - STMicroelectronics BC107. Datasheet HTML 4Page - STMicroelectronics BC107. Datasheet HTML 5Page - STMicroelectronics BC107. Datasheet HTML 6Page - STMicroelectronics BC107. Datasheet HTML 7Page - STMicroelectronics BC107. Datasheet HTML 8Page - STMicroelectronics BC107. Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BC107 - BC107B
Electrical characteristics
3/9
2
Electrical characteristics
(TCASE = 25°C; unless otherwise specified)
Table 3.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 40V
VCB = 40V
TC = 150°C
15
15
nA
µA
V(BR)CBO
Collector-base breakdown
voltage (IE = 0)
IC = 10µA
50
V
V(BR)CEO(1)
Collector-emitter breakdown
voltage (IB = 0)
IC = 10mA
45
V
V(BR)EBO
Emitter-base breakdown voltage
(IC = 0)
IE = 10µA
6V
VCE(sat) (1)
Collector-emitter saturation
voltage
IC = 10mA
IB = 0.5mA
IC = 100mA
IB = 5mA
70
200
250
600
mV
mV
VBE(sat) (1) Base-emitter saturation voltage
IC = 10mA
IB = 0.5mA
IC = 100mA
IB = 5mA
750
950
mV
mV
VBE(on) (1) Base-emitter on voltage
IC = 2mA
VCE = 5V
IC = 10mA
VCE = 5V
550
650
700
700
770
mV
mV
hFE
DC current gain
IC = 2mA
VCE = 5V
for BC107
for BC107B
IC = 10µA
VCE = 5V
for BC107
for BC107B
110
200
40
120
150
450
450
hfe
Small signal current gain
IC = 2mA
VCE = 5V
f = 1kHz
for BC107
for BC107B
IC = 10mA
VCE = 5V
f = 100MHz
250
300
2
CCBO
Collector-base capacitance
IE = 0
VCB = 10V
f = 1MHz
46
pF
CEBO
Emitter-base capacitance
IC = 0
VEB = 0.5V
f = 1MHz
12
pF
NF
Noise figure
IC = 0.2mA VCE = 5V f = 1kHz
RG =2kΩ
B=200Hz
210
dB
hie
Input impedance
IC = 2mA
VCE = 5V
f = 1kHz
for BC107
for BC107B
4
4.8
k
Ω
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com