Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BDW83C Datasheet(PDF) 3 Page - STMicroelectronics

Part # BDW83C
Description  NPN power Darlington transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BDW83C Datasheet(HTML) 3 Page - STMicroelectronics

  BDW83C Datasheet HTML 1Page - STMicroelectronics BDW83C Datasheet HTML 2Page - STMicroelectronics BDW83C Datasheet HTML 3Page - STMicroelectronics BDW83C Datasheet HTML 4Page - STMicroelectronics BDW83C Datasheet HTML 5Page - STMicroelectronics BDW83C Datasheet HTML 6Page - STMicroelectronics BDW83C Datasheet HTML 7Page - STMicroelectronics BDW83C Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BDW83C
Electrical characteristics
3/8
2
Electrical characteristics
(Tcase = 25°C; unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 100 V
VCB = 100 V
TC = 150°C
500
5
µA
mA
ICEO
Collector cut-off current
(IB = 0)
VCE = 40 V
1mA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 5 V
2mA
VCEO(sus)
(1)
1.
Pulsed duration = 300 µs, duty cycle
≤1.5%.
Collector-emitter
sustaining voltage
(IB = 0)
IC = 30 mA
100
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 6 A
IB = 12 mA
IC = 15 A
IB = 150 mA
2.5
4
V
V
VBE(on)
(1)
Base-emitter on voltage
IC = 6 A
VCE = 3 V
2.5
V
hFE
(1)
DC current gain
IC = 6 A
VCE = 3 V
IC = 15 A
VCE = 3 V
750
100
20000
VF
Diode forward voltage
IF = 10 A
4V
ton
toff
Resistive load
Turn-on time
Turn-off time
VCC = 30 V
IC = 10 A
IB1 = -IB2 = 40 mA
0.9
6
µs
µs



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com