Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BF420 Datasheet(PDF) 1 Page - STMicroelectronics

Part # BF420
Description  SMALL SIGNAL NPN TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BF420 Datasheet(HTML) 1 Page - STMicroelectronics

  BF420 Datasheet HTML 1Page - STMicroelectronics BF420 Datasheet HTML 2Page - STMicroelectronics BF420 Datasheet HTML 3Page - STMicroelectronics BF420 Datasheet HTML 4Page - STMicroelectronics BF420 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BF420
SMALL SIGNAL NPN TRANSISTOR
PRELIMINARY DATA
s
SILICON EPITAXIAL PLANAR NPN HIGH
VOLTAGE TRANSISTOR
s
TO-92 PACKAGE SUITABLE FOR
THROUGH-HOLE PCB ASSEMBLY
s
THE PNP COMPLEMENTARY TYPE IS
BF421
APPLICATIONS
s
VIDEO AMPLIFIER CIRCUITS (RGB
CATHODE CURRENT CONTROL)
s
TELEPHONE WIRELINE INTERFACE (HOOK
SWITCHES, DIALER CIRCUITS)
®
INTERNAL SCHEMATIC DIAGRAM
February 2003
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCBO
Collector-Base Voltage (IE = 0)
300
V
VCEO
Collector-Emitter Voltage (IB = 0)
300
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
500
mA
ICM
Collector Peak Current (tp < 5 ms)
600
mA
Ptot
Total Dissipation at TC = 25
oC
830
mW
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
Ordering Code
Marking
Package / Shipment
BF420
BF420
TO-92 / Bulk
BF420-AP
BF420
TO-92
/ Ammopack
TO-92
Bulk
TO-92
Ammopack
1/5


Similar Part No. - BF420

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BF420 MOTOROLA-BF420 Datasheet
114Kb / 4P
High Voltage Transistors(NPN)
logo
ON Semiconductor
BF420 ONSEMI-BF420 Datasheet
80Kb / 4P
High Voltage Transistors(NPN Silicon)
REV 1
logo
NXP Semiconductors
BF420 PHILIPS-BF420 Datasheet
62Kb / 6P
NPN high-voltage transistors
2004 Nov 10
logo
Siemens Semiconductor G...
BF420 SIEMENS-BF420 Datasheet
123Kb / 4P
NPN Silicon Transistors With High Reverse Voltage (NPN Silicon Transistors With High Reverse Voltage)
logo
General Semiconductor
BF420 GE-BF420 Datasheet
39Kb / 2P
Small Signal Transistors (NPN)
More results

Similar Description - BF420

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jun-2002
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
SMALL SIGNAL NPN TRANSISTOR
Feb-2003
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
Small Signal Transistor (NPN)
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
BC846A TSC-BC846A_14 Datasheet
218Kb / 5P
NPN Small Signal Transistor
DTC123YE TSC-DTC123YE Datasheet
764Kb / 5P
NPN Small Signal Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com