Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU505 Datasheet(PDF) 3 Page - STMicroelectronics

Part # BU505
Description  High Voltage NPN Multiepitaxial Fast-Switching Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU505 Datasheet(HTML) 3 Page - STMicroelectronics

  BU505 Datasheet HTML 1Page - STMicroelectronics BU505 Datasheet HTML 2Page - STMicroelectronics BU505 Datasheet HTML 3Page - STMicroelectronics BU505 Datasheet HTML 4Page - STMicroelectronics BU505 Datasheet HTML 5Page - STMicroelectronics BU505 Datasheet HTML 6Page - STMicroelectronics BU505 Datasheet HTML 7Page - STMicroelectronics BU505 Datasheet HTML 8Page - STMicroelectronics BU505 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
BU505
2 Electrical Characteristics
3/10
2
Electrical Characteristics
Table 3.
Electrical Characteristics (TCASE = 25°C; unless otherwise specified)
Note: 1 Pulsed duration = 300
μs, duty cycle ≤1.5%.
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off Current
(VBE = 0)
VCE = 1500V
VCE = 1500V____TC = 125°C
0.15
1
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5V
1
mA
VCEO(SUS)
Note: 1
Collector-Emitter
Sustaining Voltage (IB = 0)
IC = 10mA
L = 25mH
700
V
VCE(sat)
Note: 1
Collector-Emitter Saturation
Voltage
IC = 2A _____ IB = 0.9A
1
V
VBE(sat)
Note: 1
Base-Emitter Saturation Voltage IC = 2A _____ IB = 0.9A
1.3
V
Is/b
Second Breakdown Current
VCE = 120V
t = 220
μs2
A
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 2A ____ _ Vclamp = 250V
IB1 = 0.7A ___ Vbe(off) = -5A
Rbb = 0
L = 200
μH
2
350
μs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com