Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU508A Datasheet(PDF) 2 Page - STMicroelectronics

Part # BU508A
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTORS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU508A Datasheet(HTML) 2 Page - STMicroelectronics

  BU508A Datasheet HTML 1Page - STMicroelectronics BU508A Datasheet HTML 2Page - STMicroelectronics BU508A Datasheet HTML 3Page - STMicroelectronics BU508A Datasheet HTML 4Page - STMicroelectronics BU508A Datasheet HTML 5Page - STMicroelectronics BU508A Datasheet HTML 6Page - STMicroelectronics BU508A Datasheet HTML 7Page - STMicroelectronics BU508A Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
THERMAL DATA
TO-3
TO-218
ISOWATT218
Rthj-case
Thermal Resistance Junction-case
Max
1
1
2.5
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICES
Collector Cut-off
Current (VBE = 0)
VCE = 1500 V
VCE = 1500 V
TC = 125
o C
1
2
mA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
100
µA
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
(IB = 0)
IC = 100 mA
700
V
VEBO
Emitter Base Voltage
(IC = 0)
IE = 10 mA
10
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 4.5 A
IB = 2 A
1
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 4.5 A
IB = 2 A
1.3
V
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
IC = 4.5 A
hFE = 2.5
VCC = 140 V
LC = 0.9 mH
LB = 3
µH
7
550
µs
ns
fT
Transition Frequency
IC = 0.1 A
VCE = 5 V
f = 5 MHz
7
MHz
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
Safe Operating Area (TO-3)
Safe Operating Areas (TO-218/ISOWATT218)
BU208A / BU508A / BU508AFI
2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com