Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F124CR2QC Datasheet(PDF) 49 Page - STMicroelectronics

Part # ST92F124CR2QC
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
PDF  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F124CR2QC Datasheet(HTML) 49 Page - STMicroelectronics

Back Button ST92F124CR2QC Datasheet HTML 45Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 46Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 47Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 48Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 49Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 50Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 51Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 52Page - STMicroelectronics ST92F124CR2QC Datasheet HTML 53Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 426 page
background image
49/426
ST92F124/F150/F250 - SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
3 SINGLE VOLTAGE FLASH & E3 TM (EMULATED EEPROM)
3.1 INTRODUCTION
The Flash circuitry contains one array divided in
two main parts that can each be read independ-
ently. The first part contains the main Flash array
for code storage, a reserved array (TestFlash) for
system routines and a 128-byte area available as
one time programmable memory (OTP). The sec-
ond part contains the two dedicated Flash sectors
used for EEPROM Hardware Emulation.
The write operations of the two parts are managed
by
an
embedded
Program/Erase
Controller.
Through a dedicated RAM buffer the Flash and the
E3 TM
can be written in blocks of 16 bytes.
Figure 30. Flash Memory Structure (Example for 64K Flash device)
230000h
004000h
002000h
000000h
Sector F1
8 Kbytes
Sector F0
8 Kbytes
TestFlash
8 Kbytes
Program / Erase
Controller
RAM buffer
16 bytes
Register
Interface
Address
Data
231F80h
User OTP and Protection registers
Sector F2
48 Kbytes
sense amplifiers
22CFFFh
228000h
Hardware emulated EEPROM sectors
8 Kbytes (Reserved)
Emulated EEPROM
1 Kbyte
sense amplifiers
220000h
2203FFh
010000h
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com