Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS20L40CF Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPS20L40CF
Description  LOW DROP POWER SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS20L40CF Datasheet(HTML) 5 Page - STMicroelectronics

  STPS20L40CF Datasheet HTML 1Page - STMicroelectronics STPS20L40CF Datasheet HTML 2Page - STMicroelectronics STPS20L40CF Datasheet HTML 3Page - STMicroelectronics STPS20L40CF Datasheet HTML 4Page - STMicroelectronics STPS20L40CF Datasheet HTML 5Page - STMicroelectronics STPS20L40CF Datasheet HTML 6Page - STMicroelectronics STPS20L40CF Datasheet HTML 7Page - STMicroelectronics STPS20L40CF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STPS20L40CF/CW/CT/CFP
5/8
s
Cooling method : C
s
Recommended torque value : 0.55 m.N
s
Maximum torque value : 0.70 m.N
PACKAGE MECHANICAL DATA
ISOWATT220AB
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
4.40
4.60
0.173
0.181
B
2.50
2.70
0.098
0.106
D
2.50
2.75
0.098
0.108
E
0.40
0.70
0.016
0.028
F
0.75
1.00
0.030
0.039
F1
1.15
1.70
0.045
0.067
F2
1.15
1.70
0.045
0.067
G
4.95
5.20
0.195
0.205
G1
2.40
2.70
0.094
0.106
H
10.00
10.40
0.394
0.409
L2
16.00 typ.
0.630 typ.
L3
28.60
30.60
1.125
1.205
L4
9.80
10.60
0.386
0.417
L6
15.90
16.40
0.626
0.646
L7
9.00
9.30
0.354
0.366
Diam
3.00
3.20
0.118
0.126



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com