Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BU900TP Datasheet(PDF) 3 Page - STMicroelectronics

Part # BU900TP
Description  NPN power TRILINTON
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU900TP Datasheet(HTML) 3 Page - STMicroelectronics

  BU900TP Datasheet HTML 1Page - STMicroelectronics BU900TP Datasheet HTML 2Page - STMicroelectronics BU900TP Datasheet HTML 3Page - STMicroelectronics BU900TP Datasheet HTML 4Page - STMicroelectronics BU900TP Datasheet HTML 5Page - STMicroelectronics BU900TP Datasheet HTML 6Page - STMicroelectronics BU900TP Datasheet HTML 7Page - STMicroelectronics BU900TP Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BU900TP
Electrical characteristics
3/8
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
IEBO
Emitter cut-off current
(IC = 0)
VEB = 8 V
100
µA
ICES
Collector cut-off current
(VBE = 0)
VCE = 370 V
100
µA
V(BR)CES
Collector-emitter
breakdown voltage
(VBE = 0)
IC = 50 mA
370
660
V
VCE(sat)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≤1.5%
Collector-emitter
saturation voltage
IC = 2.5 A
_ IB = 1 mA
IC = 3 A
_ _
IB = 3 mA
4
4
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 3 A
_
IB = 3 mA
3.5
V
hFE
DC current gain
IC = 1 A
_
VCE = 5 V 7000
VF
Diode forward voltage
IC = 5 A
18
V
Es/b
(1)
Secondary breakdown
energy
IC = 4 A
L = 10 mH
80
mJ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com