Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUL49DFP Datasheet(PDF) 4 Page - STMicroelectronics

Part # BUL49DFP
Description  High voltage fast-switching NPN power transistors
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL49DFP Datasheet(HTML) 4 Page - STMicroelectronics

  BUL49DFP Datasheet HTML 1Page - STMicroelectronics BUL49DFP Datasheet HTML 2Page - STMicroelectronics BUL49DFP Datasheet HTML 3Page - STMicroelectronics BUL49DFP Datasheet HTML 4Page - STMicroelectronics BUL49DFP Datasheet HTML 5Page - STMicroelectronics BUL49DFP Datasheet HTML 6Page - STMicroelectronics BUL49DFP Datasheet HTML 7Page - STMicroelectronics BUL49DFP Datasheet HTML 8Page - STMicroelectronics BUL49DFP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
BUL49D - BULB49D
4/15
2
Electrical characteristics
(Tcase = 25°C unless otherwise specified)
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICES
Collector cut-off current
(VBE =0)
VCE = 850 V
VCE = 850 V Tc = 125 °C
100
500
µA
µA
IEBO
Emitter cut-off current
(IC =0)
VEB = 9 V
100
µA
V(BR)EBO
Emitter-base brakdown
voltage (IC = 0)
IE =10 mA
10
18
V
VCEO(sus)
(1)
1.
Pulsed duration = 300 ms, duty cycle
≤1.5%
Collector-emitter
sustaining voltage (IB = 0)
IC =10 mA
450
V
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC =1 A
_
_ IB =0.2 A
IC =2 A
_ _
IB =0.4 A
IC =4 A __ _
IB =0.8 A
0.1
0.3
0.6
1.2
V
V
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC =1 A
_
_ IB =0.2 A
IC =4 A
_
_ IB =0.8 A
1
1.3
V
V
hFE
(1)
DC current gain
IC =10 mA
VCE =5 V
IC =500 mA
VCE =5 V
IC =7 A
VCE =10 V
10
4
60
10
VCEW
(1)
Maximum collector-
emitter voltage without
snubber
IC =8 A
VBB= -2.5 V
L =50
µH
RBB =0
tp =10 µs
450
V
ts
tf
Resistive load
Storage time
Fall time
VCC =250 V
IC =2 A
IB1=-IB2 =400 mA
(see Figure 12)
23
0.8
µs
µs
ts
tf
Inductive load
Storage time
Fall time
VCL =300 V
IC =4 A
IB(on) =800 mA RBB(off) =0
VBE(off) =-5 V
L =1 mH
(see Figure 13)
0.6
50
1.3
100
µs
ns
VF
Diode forward voltage
IC = 3 A
1.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com